データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA-560 データシート(PDF) 1 Page - Rohm

部品番号 SLA-560
部品情報  High luminance, small LEDs f5.0 mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

SLA-560 データシート(HTML) 1 Page - Rohm

  SLA-560 Datasheet HTML 1Page - Rohm SLA-560 Datasheet HTML 2Page - Rohm SLA-560 Datasheet HTML 3Page - Rohm SLA-560 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SLA-560 / SLA-570 / SLA-580 Series
LED lamps
High bright circular LED lamps
(
φ5.0mm)
SLA-560 / SLA-570 / SLA-580 Series
The SLA-560, SLA-570 and SLA-580 series are high luminance LEDs which give you a choice of narrow to wide viewing
angles. One red type and one green type are available in three packages for a total of six different types, and they
suitable for use in a wide variety of applications.
!
!
!
!
Features
1) Very bright.
2) High reliability.
!
!
!
!
External dimensions (Units : mm)
0.5
0.5
0.5
CATHODE
φ5.0
CATHODE
CATHODE
(2.5)
(2.5)
(2.5)
φ5.0
φ5.0
4
−0.6
4
−0.6
4
−0.6
SLA-570
SLA-560
SLA-580
Tolerances are
±0.2 unless otherwise noted:
!
!
!
!
Selection guide
Emitting color
Lens
Single-hetero
GaAlAs (red)
GaP (green)
SLA-580LT3F
SLA-570LT3F
SLA-560LT3F
SLA-580MT3F
SLA-570MT3F
SLA-560MT3F
Narrow tupe
Medium tupe
Wide viewng tupe


同様の部品番号 - SLA-560

メーカー部品番号データシート部品情報
logo
Rohm
SLA-560 ROHM-SLA-560 Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLA-560LT3F ROHM-SLA-560LT3F Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLA-560MT ROHM-SLA-560MT Datasheet
982Kb / 12P
   SLI-560x/SLA-560x/SLA560x Series
2022.2 - Rev.008
SLA-560MT3F ROHM-SLA-560MT3F Datasheet
102Kb / 4P
   High bright circular LED lamps (?5.0mm)
SLA-560X ROHM-SLA-560X Datasheet
982Kb / 12P
   SLI-560x/SLA-560x/SLA560x Series
2022.2 - Rev.008
More results

同様の説明 - SLA-560

メーカー部品番号データシート部品情報
logo
Rohm
SLA-360 ROHM-SLA-360 Datasheet
121Kb / 4P
   High luminance, small LEDs (過3, 過3.1 mm)
SLR-322 ROHM-SLR-322 Datasheet
207Kb / 6P
   Reflecting small LEDs, directly mountable (3.1 mm * 2 mm)
SLR-325 ROHM-SLR-325 Datasheet
185Kb / 6P
   Reflecting small LEDs, directly mountable (3.2 mm)
logo
Sony Corporation
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Seoul Semiconductor
HR335 SEOUL-HR335 Datasheet
546Kb / 13P
   High flux output and high luminance
logo
Sony Corporation
ACX306BKM SONY-ACX306BKM Datasheet
218Kb / 27P
   Center luminance
logo
Seoul Semiconductor
SAW8C22B-NZ SEOUL-SAW8C22B-NZ Datasheet
1Mb / 31P
   High Intensity output and high luminance
STB0FS12A SEOUL-STB0FS12A Datasheet
984Kb / 20P
   High flux output and high luminance
logo
Rohm
SML-210YTT86 ROHM-SML-210YTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
SML-210LTT86 ROHM-SML-210LTT86 Datasheet
103Kb / 5P
   Small, chip LEDs
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com