データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS-952-DK データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 CS-952-DK
部品情報  Funnel Entry Butt Splice for 10-12 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

CS-952-DK データシート(HTML) 1 Page - Molex Electronics Ltd.

  CS-952-DK Datasheet HTML 1Page - Molex Electronics Ltd. CS-952-DK Datasheet HTML 2Page - Molex Electronics Ltd. CS-952-DK Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192020046
Status:
Active
Description:
Funnel Entry Butt Splice for 10-12 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E32244
General
Product Family
Splices
Series
19202
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt - Funnel Entry
Physical
Barrel Type
Closed
Flammability
94V-0
Insulation
Nylon (PA)
Packaging Type
Adhesive Tape on Reel
Wire Insulation Diameter
6.65mm (.262") max. Funnel End, 7.01mm (.276") max.
Wire Size AWG
10, 12
Material Info
Old Part Number
CS-952-DK
Reference - Drawing Numbers
Sales Drawing
SD-19202-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19202Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640010300
Hand Crimp Tool
0640015000
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640055000
This document was generated on 03/16/2010


同様の部品番号 - CS-952-DK

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
CS-952-DKT MOLEX4-CS-952-DKT Datasheet
109Kb / 2P
   FUNNEL ENTRY BUTT SPLC TAPE CS-952-DKT
More results

同様の説明 - CS-952-DK

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0192020039 MOLEX4-0192020039 Datasheet
87Kb / 2P
   Funnel Entry Butt Splice for 10-12 AWG Wire
0192020063 MOLEX4-0192020063 Datasheet
89Kb / 3P
   Funnel Entry Butt Splice for 18-22 AWG Wire
0192020027 MOLEX4-0192020027 Datasheet
104Kb / 3P
   Funnel Entry Butt Splice for 14-16 AWG Wire
0192020019 MOLEX4-0192020019 Datasheet
89Kb / 3P
   Butt - Funnel Entry Splice for 14-16 AWG Wire
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0191990011 MOLEX4-0191990011 Datasheet
115Kb / 2P
   Butt - Window Splice for 10-12 AWG Wire
0191890015 MOLEX4-0191890015 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
0191540028 MOLEX4-0191540028 Datasheet
90Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
0192020049 MOLEX4-0192020049 Datasheet
107Kb / 4P
   Nylakrimp??Butt Splice for 10-12 AWG Wire
0191890017 MOLEX4-0191890017 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 10-12 AWG Wire
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com