データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-19193-016 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-19193-016
部品情報  VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19193-016 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-19193-016 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19193-016 Datasheet HTML 2Page - Molex Electronics Ltd. SD-19193-016 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930146
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 8 AWG Wire, Stud Size 8
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Stud Size
8 (M4)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
8
Wire Size mm²
6.60 - 10.5
Material Info
Old Part Number
D-350-08
Reference - Drawing Numbers
Sales Drawing
SD-19193-016
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Putt Pump Dieless
Head System
0192860065
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900001
Hand Crimp Tool
0640013900
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640074400


同様の部品番号 - SD-19193-016

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-19193-016 MOLEX4-SD-19193-016 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/4"||" "366488
Flag Avikrimp??Quick Disconnect
More results

同様の説明 - SD-19193-016

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0191930149 MOLEX4-0191930149 Datasheet
89Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 10
0191930143 MOLEX4-0191930143 Datasheet
88Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 6
0191930157 MOLEX4-0191930157 Datasheet
141Kb / 4P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 5/16"||" "367275
Avikrimp??Snap Plug, for 18-22 AWG Wire, Mylar Tap
0191930171 MOLEX4-0191930171 Datasheet
87Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930159 MOLEX4-0191930159 Datasheet
86Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930186 MOLEX4-0191930186 Datasheet
94Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
0191930152 MOLEX4-0191930152 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/4"||" "366488
Flag Avikrimp??Quick Disconnect
0191930148 MOLEX4-0191930148 Datasheet
89Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 08, Mylar TapeCarrier
0191930151 MOLEX4-0191930151 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 10, Mylar TapeCarrier
0191930195 MOLEX4-0191930195 Datasheet
98Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com