データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-34566-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-34566-001
部品情報  2.54mm (.100") Pitch
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-34566-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-34566-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-34566-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-34566-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-34566-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-34566-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-34566-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-34566-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-34566-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-34566-001 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0345660103
Status:
Active
Overview:
mx123_sealed_connection_systems
Description:
2.54mm (.100") Pitch, MX123 Female Receptacle Housing, Keying Option A, Wire
Dress Option 0, 73 Circuits, Black TPA
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34566-0000 (PDF)
General
Product Family
Crimp Housings
Series
34566
Comments
See Sales Drawing for number of Open Circuits
Overview
mx123_sealed_connection_systems
Product Name
MX123
Physical
Circuits (maximum)
73
Circuits Detail
73
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
4
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
11A, 25A
Material Info
Reference - Drawing Numbers
Application Specification
AS-34566-001
Packaging Specification
PK-31300-019
Product Specification
PS-34566-0000
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
34566Series
Mates With
MX123 Female Header 31386 , 31387
Use With
MX64 Female Terminals 33467
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-34566-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-34566-001 MOLEX4-SD-34566-001 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female
SD-34566-001 MOLEX4-SD-34566-001 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female Receptacle Housing
SD-34566-001 MOLEX4-SD-34566-001 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch
SD-34566-001 MOLEX4-SD-34566-001 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female
SD-34566-001 MOLEX4-SD-34566-001 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female Receptacle Housing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com