データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0190670102 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0190670102
部品情報  NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #11
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190670102 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0190670102 Datasheet HTML 1Page - Molex Electronics Ltd. 0190670102 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190670102
Status:
Active
Description:
NylaKrimp™ Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #11
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19067
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
NylaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
7/16" (M11)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
17.27mm (.680") max.
Wire Size AWG
1
Material Info
Old Part Number
H-980-76
Reference - Drawing Numbers
Sales Drawing
SD-19067-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19067Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192890011
Putt Pump Dieless
Head System
0192860065
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 0190670102

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190670100 MOLEX4-0190670100 Datasheet
74Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #16
0190670101 MOLEX4-0190670101 Datasheet
73Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #9
0190670104 MOLEX4-0190670104 Datasheet
67Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #8
0190670105 MOLEX4-0190670105 Datasheet
66Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #12
0190670106 MOLEX4-0190670106 Datasheet
66Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #18
More results

同様の説明 - 0190670102

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0190670105 MOLEX4-0190670105 Datasheet
66Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #12
0190670108 MOLEX4-0190670108 Datasheet
66Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #16
0190670104 MOLEX4-0190670104 Datasheet
67Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #8
0190670107 MOLEX4-0190670107 Datasheet
66Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #9
0190670106 MOLEX4-0190670106 Datasheet
66Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #18
0190670101 MOLEX4-0190670101 Datasheet
73Kb / 2P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 1/0 AWG Wire, Stud #9
0190670065 MOLEX4-0190670065 Datasheet
82Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 6 AWG Wire, Stud #11
0190670031 MOLEX4-0190670031 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #11
0190670128 MOLEX4-0190670128 Datasheet
155Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 8 AWG Wire, Stud #11
0190670094 MOLEX4-0190670094 Datasheet
77Kb / 3P
   NylaKrimp??Funnel Entry Ring Tongue Terminal for 2 AWG Wire, Stud #11
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com