データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-245XT データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 A-245XT
部品情報  BUTT SPLICE INSULKRIMP TAPED (A-245XT)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

A-245XT データシート(HTML) 1 Page - Molex Electronics Ltd.

  A-245XT Datasheet HTML 1Page - Molex Electronics Ltd. A-245XT Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191540006
Status:
Active
Description:
BUTT SPLICE INSULKRIMP TAPED (A-245XT)
Documents:
Drawing (PDF)
Product Specification PS-19902-007 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Splices
Series
19154
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Butt, InsulKrimp™
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Insulation
PVC
Material - Metal
Copper
Material - Resin
PVC
Packaging Type
Adhesive Tape on Reel
Wire Size AWG
18, 20, 22
Material Info
Old Part Number
A-245XT
Reference - Drawing Numbers
Product Specification
PS-19902-007
Sales Drawing
SD-19154-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19154Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880010
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - A-245XT

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
A-245X MOLEX4-A-245X Datasheet
91Kb / 2P
   InsulKrimp??Butt Splice for 18-22 AWG Wire
More results

同様の説明 - A-245XT

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0191540030 MOLEX4-0191540030 Datasheet
95Kb / 3P
   BUTT SPLICE INSULKRIMP TAPED (C-246XT)
0191540017 MOLEX4-0191540017 Datasheet
95Kb / 3P
   BUTT SPLICE INSULKRIMP TAPED (B-231XT)
0191540038 MOLEX4-0191540038 Datasheet
66Kb / 2P
   BUTT SPLICE INSULKRIMP TAPED (CS-V-346XT
0191540024 MOLEX4-0191540024 Datasheet
59Kb / 3P
   BUTT SPLICE TAPED (BS-V-331XT
0192150035 MOLEX4-0192150035 Datasheet
70Kb / 2P
   BUTT SPLICE VERSAKRIMP TAPED (D-354T)
0192020007 MOLEX4-0192020007 Datasheet
95Kb / 2P
   FUNNEL ENTRY BUTT SPLICE TAPED A-945-DKT
0192020035 MOLEX4-0192020035 Datasheet
109Kb / 3P
   BUTT SPLICE TAPED (BS-N-331T)
0192150030 MOLEX4-0192150030 Datasheet
85Kb / 2P
   BUTT SPLICE VERSAKRIMP TAPED (CS-346T)
0192150115 MOLEX4-0192150115 Datasheet
87Kb / 2P
   SEAMLESS BUTT SPLICE TAPED (BS-331T)
0192020051 MOLEX4-0192020051 Datasheet
109Kb / 3P
   BUTT SPLICE NYLAKRIMP TAPED (CS-N-346T)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com