データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA-235-06 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SA-235-06
部品情報  Perma-Seal??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX4 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SA-235-06 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SA-235-06 Datasheet HTML 1Page - Molex Electronics Ltd. SA-235-06 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640006
Status:
Active
Description:
Perma-Seal™ Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 6
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19164
Crimp Quality Equipment
Yes
Mil-Spec
N/A
MolexKits
Yes
Product Name
Perma-Seal™
Type
Spade
Physical
Barrel Type
Closed
Flammability
94V-2
Insulation
NiAc™
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
6 (M3.5)
Wire Insulation Diameter
5.97mm (.235")
Wire Size AWG
18, 20, 22
Wire Size mm²
0.38 - 0.96
Material Info
Old Part Number
SA-235-06
Reference - Drawing Numbers
Sales Drawing
SD-19164-025
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Power Crimp Tool
Head for Prema-
Seal™ Terminals
10-22 AWG
0640057400
Hand Crimp Tool, UL
Approved
0640017400
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SA-235-06

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SA-235-08 MOLEX4-SA-235-08 Datasheet
76Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 8
More results

同様の説明 - SA-235-06

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0191640007 MOLEX4-0191640007 Datasheet
76Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 8
0191640008 MOLEX4-0191640008 Datasheet
76Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 10
0191640085 MOLEX4-0191640085 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 6
0191640069 MOLEX4-0191640069 Datasheet
82Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 10-12 AWG Wire, Stud Size 6
0191640086 MOLEX4-0191640086 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 8
0191640070 MOLEX4-0191640070 Datasheet
82Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 10-12 AWG Wire, Stud Size 8
0191640030 MOLEX4-0191640030 Datasheet
88Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 14-16 AWG Wire, Stud Size 10
0191640005 MOLEX4-0191640005 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 3/8
0191640004 MOLEX4-0191640004 Datasheet
101Kb / 2P
   Perma-Seal??Ring Tongue Terminal for 18-22 AWG Wire, Stud Size 1/4
0191270007 MOLEX4-0191270007 Datasheet
133Kb / 2P
   Avikrimp??Flanged Spade Tongue Terminal for 22-18 AWG Wire, Stud Size 6
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com