データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R1140Q151B-TL データシート(PDF) 13 Page - RICOH electronics devices division

部品番号 R1140Q151B-TL
部品情報  SC82 120mA LDO REGULATOR???
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RICOH [RICOH electronics devices division]
ホームページ  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1140Q151B-TL データシート(HTML) 13 Page - RICOH electronics devices division

Back Button R1140Q151B-TL Datasheet HTML 9Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 10Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 11Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 12Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 13Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 14Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 15Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 16Page - RICOH electronics devices division R1140Q151B-TL Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
R1140Q
12
7)
Dropout Voltage vs. Set Output Voltage
0.8
1
0.9
0.6
0.2
0.5
0.4
0.3
0.7
0
0.1
Set Output Voltage Vreg (V)
1.5
3.5
2.5
10mA
30mA
50mA
120mA
8)
Ripple Rejection vs. Frequency
R1140Q151
××××
R1140Q151
××××
-70
-90
-80
-50
-10
-40
-30
-20
-60
0
Frequency (kHz)
0.1
10.0
100.0
1.0
50mA
1mA
30mA
VIN=2.5VDC+0.5Vp-p
COUT=tantal 1.0
µF, Topt=25°C
-70
-90
-80
-50
-10
-40
-30
-20
-60
0
Frequency (kHz)
0.1
10.0
100.0
1.0
50mA
1mA
30mA
VIN=2.5VDC+0.5Vp-p
COUT=tantal 2.2
µF, Topt=25°C
R1140Q281
××××
R1140Q281
××××
-70
-90
-80
-50
-10
-40
-30
-20
-60
0
Frequency (kHz)
0.1
10.0
100.0
1.0
50mA
1mA
30mA
VIN=3.8VDC+0.5Vp-p
COUT=tantal 1.0
µF, Topt=25°C
-70
-90
-80
-50
-10
-40
-30
-20
-60
0
Frequency (kHz)
0.1
10.0
100.0
1.0
50mA
1mA
30mA
VIN=3.8VDC+0.5Vp-p
COUT=tantal 2.2
µF, Topt=25°C


同様の部品番号 - R1140Q151B-TL

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
R114003133 ETC2-R114003133 Datasheet
181Kb / 3P
   STRAIGHT PLUG CLAMP TYPE
More results

同様の説明 - R1140Q151B-TL

メーカー部品番号データシート部品情報
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q Datasheet
373Kb / 15P
   SC82 120mA LDO REGULATOR????
logo
Nisshinbo Micro Devices...
R1141Q NISSHINBO-R1141Q Datasheet
283Kb / 16P
   120mA LDO REGULATOR
logo
RICOH electronics devic...
R1141Q RICOH-R1141Q_17 Datasheet
219Kb / 16P
   120mA LDO REGULATOR
logo
EM Microelectronic - MA...
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
R5322N RICOH-R5322N Datasheet
213Kb / 23P
   SOT23-6W 120mA 2ch LDO REGULATORS
logo
Richtek Technology Corp...
RT9013A RICHTEK-RT9013A Datasheet
189Kb / 10P
   120mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX9789AEVKIT MAXIM-MAX9789AEVKIT Datasheet
289Kb / 8P
   Integrated 120mA Low-Dropout Linear Regulator
Rev 1; 11/06
logo
Pericom Semiconductor C...
PT7M8202 PERICOM-PT7M8202 Datasheet
351Kb / 11P
   LDO Regulator
PT7M8206 PERICOM-PT7M8206 Datasheet
373Kb / 12P
   LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com