データシートサーチシステム |
|
MC145532DW データシート(PDF) 4 Page - Motorola, Inc |
|
MC145532DW データシート(HTML) 4 Page - Motorola, Inc |
4 / 16 page MC145532 MOTOROLA 4 DECODER OUTPUT — SHORT FRAME Figure 7 shows the timing of the decoder output in short frame mode. The DDO will provide the 8–bit PCM word for the decoding rate that was selected for this frame of data on the decoder input pins. The data is loaded into the MC145532 during one frame, decoded on the next frame, and read during the third frame. DECODER OUTPUT — LONG FRAME Figure 8 shows the timing of the decoder output in long frame mode. Note that at least eight bits are presented to the output, provided that at least two falling edges of DDC are seen while DOE is high. The enable can be used to extend the LSB to a full DDC period and/or cause the eight bits of data to be recirculated to the output pin until the enable falls. STANDARDS INFORMATION The following standards apply to the MC145532: T1.301–1987 — 32 kbps ADPCM T1.303–1988 — 24 kbps ADPCM CCITT G.721–1988, G.723–1988, and G.726 — 32 kbps and 24 kbps CCITT, ITU–T, TIA, and EIA documents may be obtained by contacting Global Engineering Documents in the USA at (800) 854–7179, or internationally at (303) 397–7956. ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS) Rating Symbol Value Unit DC Supply Voltage VDD – 0.5 to + 7.0 V Voltage, Any Pin to VSS V – 0.5 to VDD + 0.5 V DC Current, Any Pin Iin ± 10 mA Operating Temperature TA – 40 to + 85 °C Storage Temperature Tstg – 85 to + 150 °C RECOMMENDED OPERATING CONDITIONS (TA = – 40 to + 85°C) Parameter Symbol Min Max Unit DC Supply Voltage VDD 4.50 5.50 V Power Dissipation PD — 0.28 W DIGITAL CHARACTERISTICS (VDD = 5.0 V, TA = – 40 to + 85°C) Parameter Symbol Min Max Unit High Level Input Voltage Mode, DOE, DDC, DDI, DIE, EIE, EDI, EDC, EOE VIH 2.0 — V Low Level Input Voltage Mode, DOE, DDC, DDI, DIE, EIE, EDI, EDC, EOE VIL — 0.8 V High Level Input Voltage RESET, APD, SPC VIH 0.7 VDD — V Low Level Input Voltage RESET, APD, SPC VIL — 0.3 VDD V Input Current Iin — ± 1.0 µA Input Capacitance Cin — 10 pF High Level Output Voltage (IOH = – 2.0 mA) DDO, EDO VOH 4.6 — V Low Level Output Voltage (IOL = 2.0 MA) DDO, EDO VOL — 0.4 V Output Leakage Current (VDD = 5.5 V) DDO, EDO Ilkg — ± 5.0 µA SWITCHING CHARACTERISTICS (VDD = 5.0 V, TA = – 40 to + 85°C) Parameter Min Max Unit SPC Frequency 19.990 23 MHz SPC Duty Cycle 45 55 % This device contains circuitry to protect against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid appli- cation of any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation it is recommended that Vin and Vout be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). |
同様の部品番号 - MC145532DW |
|
同様の説明 - MC145532DW |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |