データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC14555 データシート(PDF) 7 Page - Motorola, Inc

部品番号 MC14555
部品情報  PCM Codec-Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14555 データシート(HTML) 7 Page - Motorola, Inc

Back Button MC14555 Datasheet HTML 3Page - Motorola, Inc MC14555 Datasheet HTML 4Page - Motorola, Inc MC14555 Datasheet HTML 5Page - Motorola, Inc MC14555 Datasheet HTML 6Page - Motorola, Inc MC14555 Datasheet HTML 7Page - Motorola, Inc MC14555 Datasheet HTML 8Page - Motorola, Inc MC14555 Datasheet HTML 9Page - Motorola, Inc MC14555 Datasheet HTML 10Page - Motorola, Inc MC14555 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MC145554
•MC145557•MC145564•MC145567
MOTOROLA
7
ANALOG ELECTRICAL CHARACTERISTICS
(VCC = + 5 V ± 5%, VBB = – 5 V ± 5%, VFXI – Connected to GSX, TA = – 40 to + 85°C)
Characteristic
Min
Typ
Max
Unit
Input Current (– 2.5
≤ Vin ≤ + 2.5 V)
VFXI +, VFXI –
± 0.05
± 0.2
µA
AC Input Impedance to GNDA (1 kHz)
VFXI +, VFXI –
10
20
M
Input Capacitance
VFXI +, VFXI –
10
pF
Input Offset Voltage of GSX Op Amp
VFXI +, VFXI –
± 25
mV
Input Common Mode Voltage Range
VFXI +, VFXI –
– 2.5
2.5
V
Input Common Mode Rejection Ratio
VFXI +, VFXI –
65
dB
Unity Gain Bandwidth of GSX Op Amp (Rload ≥ 10 kΩ)
1000
kHz
DC Open Loop Gain of GSX Op Amp (Rload ≥ 10 kΩ)
75
dB
Equivalent Input Noise (C–Message) Between VFXI+ and VFXI– at GSX
– 20
dBrnC0
Output Load Capacitance for GSX Op Amp
0
100
pF
Output Voltage Range for GSX
Rload = 10 kΩ to GNDA
Rload = 600 Ω to GNDA
– 3.5
– 2.8
+ 3.5
+ 2.8
V
Output Current (– 2.8 V
≤ Vout ≤ + 2.8 V)
GSX, VFRO
± 5.0
mA
Output Impedance VFRO (0 to 3.4 kHz)
1
Output Load Capacitance for VFRO
0
500
pF
VFRO Output DC Offset Voltage Referenced to GNDA
± 100
mV
Transmit Power Supply Rejection
Positive, 0 to 100 kHz, C–Message
Negative, 0 to 100 kHz, C–Message
45
45
dBC
Receive Power Supply Rejection
Positive, 0 to 100 kHz, C–Message
Positive, 4 kHz to 25 kHz
Positive, 25 kHz to 50 kHz
Negative, 0 to 100 kHz, C–Message
Negative, 4 kHz to 25 kHz
Negative, 25 kHz to 50 kHz
50
50
43
50
45
38
dBC
dB
dB
dBC
dB
dB
MC145564/67 Power Drivers
Input Current (– 1 V
≤ VPI ≤ + 1 V)
VPI
± 0.05
± 0.5
µA
Input Resistance (– 1 V
≤ VPI ≤ + 1 V)
VPI
5
10
M
Input Offset Voltage (VPI Connected to VPO–)
VPI
± 50
mV
Output Resistance, Inverted Unity Gain
VPO+ or VPO–
1
Unity Gain Bandwidth, Open Loop
VPO–
400
kHz
Load Capacitance (
∞ Ω ≥ Rload ≥ 300 Ω)
VPO+ or VPO– to GNDA
0
1000
pF
Gain from VPO– to VPO+ (Rload = 300 Ω, VPO+ to GNDA Level at VPO–
= 1.77 Vrms, +3 dBm0)
– 1
V/V
Maximum 0 dBm0 Level for Better than
± 0.1 dB Linearity Over the
Rload = 600 Ω
Range – 10 dBm0 to + 3 dBm0 (For Rload between VPO+
Rload = 1200 Ω
and VPO–)
Rload = 10 kΩ
3.3
3.5
4.0
Vrms
Power Supply Rejection of VCC or VBB (VPO– Connected to VPI)
0 to 4 kHz
VPO + or VPO – to GNDA
4 to 50 kHz
55
35
dB
Differential Power Supply Rejection of VCC or VBB (VPO– Connected to VPI)
VPO+ to VPO–, 0 to 50 kHz
50
dB


同様の部品番号 - MC14555

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14555 MOTOROLA-MC14555 Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555 ONSEMI-MC14555 Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
LANSDALE Semiconductor ...
MC145554DW LANSDALE-MC145554DW Datasheet
1Mb / 18P
   PCM Codec-Filter
MC145554DW LANSDALE-MC145554DW Datasheet
284Kb / 18P
   PCM Codec-Filter
MC145554P LANSDALE-MC145554P Datasheet
1Mb / 18P
   PCM Codec-Filter
More results

同様の説明 - MC14555

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com