データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

395000012 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 395000012
部品情報  3.50mm (.138") Pitch Eurostyle??Horizontal Plug, 12 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX5 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

395000012 データシート(HTML) 1 Page - Molex Electronics Ltd.

  395000012 Datasheet HTML 1Page - Molex Electronics Ltd. 395000012 Datasheet HTML 2Page - Molex Electronics Ltd. 395000012 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0395000012
Status:
Active
Description:
3.50mm (.138") Pitch Eurostyle™ Horizontal Plug, 12 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39500
Application
Wire-to-Board
Component Type
Plug
Product Literature Order No
USA-355
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
12
Entry Angle
Vertical
Lock to Mating Part
None
Number of Rows
1
Orientation
Horizontal
Panel Mount
No
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
16, 18, 20, 22, 24
Wire Size mm²
0.20 - 1.31
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39500-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39500Series
Mates With
39501 Vertical PCB Header, 39502
Horizontal PCB Header, Most 3.50mm
(.138") Pitch Industry Standard PCB
Headers
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 395000012

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
395000010 MOLEX5-395000010 Datasheet
175Kb / 3P
   3.50mm (.138") Pitch Eurostyle??Horizontal Plug, 10 Circuits
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com