データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74504 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 74504
部品情報  11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 4 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX5 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

74504 データシート(HTML) 1 Page - Molex Electronics Ltd.

  74504 Datasheet HTML 1Page - Molex Electronics Ltd. 74504 Datasheet HTML 2Page - Molex Electronics Ltd. 74504 Datasheet HTML 3Page - Molex Electronics Ltd. 74504 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0387406104
Status:
Active
Description:
11.11mm (.437") Pitch Beau™ PCB Fixed Mount Barrier Terminal Strip, Low Profile,
300V, 4 Circuits
Documents:
3D Model
Product Specification PS-38730-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
38740
Application
Wire-to-Board
Component Type
One Piece
Product Name
Fixed Mount Barrier
Type
Barrier Strip
Physical
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Black
Entry Angle
Horizontal
Lock to Mating Part
No
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Number of Rows
1
Orientation
Horizontal
PC Tail Length (in)
0.216 In
PC Tail Length (mm)
5.50 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.437 In
Pitch - Mating Interface (mm)
11.11 mm
Pitch - Term. Interface (in)
0.437 In
Pitch - Term. Interface (mm)
11.11 mm
Polarized to Mating Part
No
Stackable
No
Temperature Range - Operating
-40°C to +130°C
Wire Size AWG
14, 16, 18, 20, 22
Wire Size mm²
0.50 - 1.50
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Old Part Number
74504
Reference - Drawing Numbers
Product Specification
PS-38730-001
Sales Drawing
SD-38740-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38740Series


同様の部品番号 - 74504

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74504 MOLEX11-74504 Datasheet
41Kb / 2P
   11.11mm Pitch Beau PCB Fixed Mount Barrier Terminal Strip, Low Profile
logo
Myrra
74504 MYRRA-74504 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com