データシートサーチシステム |
|
KA2428 データシート(PDF) 1 Page - Samsung semiconductor |
|
KA2428 データシート(HTML) 1 Page - Samsung semiconductor |
1 / 3 page KA2418B/28 TONE RINGER WITH BRIDGE DIODE INTRODUCTION The KA2418B/28 is a monolithic integrated circuit telephone tone ringer with bridge diode, when coupled with an appropriate transducer, it replaces the electromechanical bell. This device is designed for use with either a piezo transducer or an inexpensive transformer coupled speaker to produce a pleasing tone composed of a high frequencys (fH1, fH2) alternating with a low frequency (fS) resulting in a warble frequency. The supply voltage is obtained from the AC ring signal and the circuit is designed so that noise on the line or variation of the ringing signal can not affect correct operation of the device. FEATURES • Built-in full wave bridge diode rectifier • Low current consumption, in order to allow the parallel operation of the 4 devices • Few external components • Tone and adjustable switching frequencies by external components • High noise immunity due to built-in voltage to current hysteresis • Adjustable activation voltage • Internal zener diodes to protect against over voltages • Adjustable ringer impedance with external components. BLOCK DIAGRAM Fig. 1 Device Package Operating Temperature KA2418B KA2428 8 1 7 - + 2 POWER SUPPLY CONTROL CIRCUIT 6 3 5 LOW FREQ OSC HIGH FREQ OSC OUTPUT AMP 4 TIP RING GND SWEEP RATE CONTROL CAPACITOR OUTPUT FREQUENCY CONTROL RESISTOR OUTPUT ACTIVATION VOLTAGE ADJUSTABLE RECTIFIER CAPACITOR 8-DIP-300 - 20 °C ~ + 70°C 8-DIP-300 ORDERING INFORMATION APPLICATIONS • Electronic telephone ringers • Extension ringers |
同様の部品番号 - KA2428 |
|
同様の説明 - KA2428 |