データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-47641-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-47641-001
部品情報  10 PIN MINI USB RECEPTACLE CONNECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-47641-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-47641-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-47641-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0476411000
Status:
Active
Description:
10 PIN MINI USB RECEPTACLE CONNECTOR
Documents:
3D Model
Product Specification PS-47641-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Material Info
Reference - Drawing Numbers
Product Specification
PS-47641-001
Sales Drawing
SD-47641-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
47641Series
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-47641-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-47642-001 MOLEX6-SD-47642-001 Datasheet
133Kb / 3P
   0.65mm (.026") Pitch Micro-USB B Receptacle, Mid-Mount, SMT, with Through Hole Solder Tab, Gold (Au) Flash Plating
SD-47642-001 MOLEX-SD-47642-001 Datasheet
177Kb / 2P
   MICRO USB B REC. MID MOUNT THROUGH HOLE ASSY
2008.01.04
More results

同様の説明 - SD-47641-001

メーカー部品番号データシート部品情報
logo
Yamaichi Electronics Co...
USB-M08-003A YAMAICHI-USB-M08-003A Datasheet
114Kb / 2P
   Mini USB - 90째 Receptacle 8 Pin
USB-M05-003 YAMAICHI-USB-M05-003 Datasheet
247Kb / 2P
   Mini USB - 90째 Receptacle
USB-M04-003 YAMAICHI-USB-M04-003 Datasheet
836Kb / 2P
   Mini USB - 90째 Receptacle
logo
SUYIN USA, INC.
020200MB005M568ZR SUYIN-USA-020200MB005M568ZR Datasheet
136Kb / 1P
   MINI USB CONNECTOR
020200MB005S535ZR SUYIN-USA-020200MB005S535ZR Datasheet
152Kb / 1P
   MINI USB CONNECTOR
logo
Molex Electronics Ltd.
847290024 MOLEX-847290024 Datasheet
81Kb / 1P
   2.0 USB-A TO USB MINI B RECEPTACLE
2013/01/18
logo
FCI connector
10033526-N3212LF FCI-CONNECTOR-10033526-N3212LF Datasheet
148Kb / 2P
   MINI USB B-TYPE SMT RECEPTACLE
logo
Assmann Electronics Inc...
A-USBB-2-M4-H-R ASSMANN-A-USBB-2-M4-H-R Datasheet
66Kb / 1P
   USB 2.0 Mini Connector
logo
Global Connector Techno...
USB2066 GCT-USB2066 Datasheet
161Kb / 2P
   Mini USB Receptacle, Type B, 5 Pin, SMT, Horizontal, Optional Post, 9.40mm Length
4th June 2009
logo
FCI connector
10033527-N3112 FCI-CONNECTOR-10033527-N3112 Datasheet
143Kb / 2P
   MINI USB AB TYPE RECEPTACLE CONNECTOR, R/A SMT TYPE
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com