データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM416C1004C-6 データシート(PDF) 7 Page - Samsung semiconductor

部品番号 KM416C1004C-6
部品情報  1M x 16Bit CMOS Dynamic RAM with Extended Data Out
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416C1004C-6 データシート(HTML) 7 Page - Samsung semiconductor

Back Button KM416C1004C-6 Datasheet HTML 3Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 4Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 5Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 6Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 7Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 8Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 9Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 10Page - Samsung semiconductor KM416C1004C-6 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
KM416C1004C, KM416C1204C
CMOS DRAM
KM416V1004C, KM416V1204C
NOTES
An initial pause of 200us is required after power-up followed by any 8 RAS-only refresh or CAS-before-RAS refresh cycles
before proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are reference levels for measuring timing of input signals.
Transition times are measured between VIH(min) and VIL(max) and are assumed to be 2ns for all inputs.
Measured with a load equivalent to 2 TTL(5V)/1TTL(3.3V) loads and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC.
Assumes that tRCD
tRCD(max).
This parameter defines the time at which the output achieves the open circuit condition and is not referenced to Voh or Vol.
tWCS, tRWD, tCWD, tAWD and tCPWD are non restrictive operating parameters. They are included in the data sheet as electrical
characteristics only. If
tWCS
tWCS(min), the cycle is an early write cycle and the data output will remain high impedance for the
duration of the cycle. If
tCWD
tCWD(min), tRWDtRWD(min), tAWDtAWD(min) and tCPWDtCPWD(min), then the cycle is a read-
modify-write cycle and the data output will contain the data read from the selected address. If neither of the above conditions
is satisfied, the condition of the data out is indeterminate.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameters are referenced to CAS falling edge in early write cycles and to W falling edge in OE controlled write cycle
and read-modify-write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference point only.
If
tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA.
KM416C/V10(2)04C/C-L Truth Table
RAS
LCAS
UCAS
W
OE
DQ0 - DQ7
DQ8-DQ15
STATE
H
X
X
X
X
Hi-Z
Hi-Z
Standby
L
H
H
X
X
Hi-Z
Hi-Z
Refresh
L
L
H
H
L
DQ-OUT
Hi-Z
Byte Read
L
H
L
H
L
Hi-Z
DQ-OUT
Byte Read
L
L
L
H
L
DQ-OUT
DQ-OUT
Word Read
L
L
H
L
H
DQ-IN
-
Byte Write
L
H
L
L
H
-
DQ-IN
Byte Write
L
L
L
L
H
DQ-IN
DQ-IN
Word Write
L
L
L
H
H
Hi-Z
Hi-Z
-
8.
6.
5.
10.
9.
3.
2.
1.
4.
7.


同様の部品番号 - KM416C1004C-6

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results

同様の説明 - KM416C1004C-6

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com