データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM432S2030CT-G8 データシート(PDF) 10 Page - Samsung semiconductor

部品番号 KM432S2030CT-G8
部品情報  2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM432S2030CT-G8 データシート(HTML) 10 Page - Samsung semiconductor

Back Button KM432S2030CT-G8 Datasheet HTML 6Page - Samsung semiconductor KM432S2030CT-G8 Datasheet HTML 7Page - Samsung semiconductor KM432S2030CT-G8 Datasheet HTML 8Page - Samsung semiconductor KM432S2030CT-G8 Datasheet HTML 9Page - Samsung semiconductor KM432S2030CT-G8 Datasheet HTML 10Page - Samsung semiconductor KM432S2030CT-G8 Datasheet HTML 11Page - Samsung semiconductor KM432S2030CT-G8 Datasheet HTML 12Page - Samsung semiconductor KM432S2030CT-G8 Datasheet HTML 13Page - Samsung semiconductor KM432S2030CT-G8 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
KM432S2030C
CMOS SDRAM
REV. 1.1 Mar. '99
- 10
MODE REGISTER FIELD TABLE TO PROGRAM MODES
Register Programmed with MRS
Address
Function
A10/AP
RFU
A9
W.B.L
A8
A7
TM
A6
A5
A4
A3
A2
A1
A0
CAS Latency
BT
Burst Length
A8
A7
A6
A5
A4
A3
A2
A1
A0
BT = 0
Test Mode
Type
Mode Register Set
Reserved
Reserved
Reserved
0
0
1
1
0
1
0
1
Write Burst Length
A9
0
1
Length
Burst
Single Bit
Latency
Reserved
Reserved
2
3
Reserved
Reserved
Reserved
Reserved
CAS Latency
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Burst Type
0
1
BT = 1
Burst Length
Type
Sequential
Interleave
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
1
2
4
8
Reserved
Reserved
Reserved
Full Page
1
2
4
8
Reserved
Reserved
Reserved
Reserved
POWER UP SEQUENCE
1. Apply power and start clock, Attempt to maintain CKE= "H", DQM= "H" and the other pins are NOP condition at the inputs.
2. Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3. Issue precharge commands for all banks of the devices.
4. Issue 2 or more auto-refresh commands.
5. Issue a mode register set command to initialize the mode register.
cf.) Sequence of 4 & 5 is regardless of the order.
The device is now ready for normal operation.
Note : 1. If A9 is high during MRS cycle, "Burst Read Single Bit Write" function will be enabled.
2. RFU (Reserved for future use) should stay "0" during MRS cycle.
Full Page Length : x32 (256)
BA0 ~ BA1
RFU


同様の部品番号 - KM432S2030CT-G8

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KM432J ETC1-KM432J Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

同様の説明 - KM432S2030CT-G8

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K4S643232E-TI SAMSUNG-K4S643232E-TI Datasheet
100Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232F SAMSUNG-K4S643232F Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232C SAMSUNG-K4S643232C Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E SAMSUNG-K4S643232E Datasheet
102Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
K4S643232E- SAMSUNG-K4S643232E- Datasheet
101Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL(3.3V)
K4S643232F- SAMSUNG-K4S643232F- Datasheet
99Kb / 12P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL3.3V
logo
Taiwan Memory Technolog...
T436432B TMT-T436432B Datasheet
707Kb / 72P
   2M x 32 SDRAM 512K x 32bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5V62CF HYNIX-HY5V62CF Datasheet
353Kb / 11P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V653220BTC HYNIX-HY57V653220BTC Datasheet
154Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
HY57V643220CT HYNIX-HY57V643220CT Datasheet
183Kb / 12P
   4 Banks x 512K x 32Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com