データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM418RD4AC データシート(PDF) 8 Page - Samsung semiconductor

部品番号 KM418RD4AC
部品情報  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM418RD4AC データシート(HTML) 8 Page - Samsung semiconductor

Back Button KM418RD4AC Datasheet HTML 4Page - Samsung semiconductor KM418RD4AC Datasheet HTML 5Page - Samsung semiconductor KM418RD4AC Datasheet HTML 6Page - Samsung semiconductor KM418RD4AC Datasheet HTML 7Page - Samsung semiconductor KM418RD4AC Datasheet HTML 8Page - Samsung semiconductor KM418RD4AC Datasheet HTML 9Page - Samsung semiconductor KM418RD4AC Datasheet HTML 10Page - Samsung semiconductor KM418RD4AC Datasheet HTML 11Page - Samsung semiconductor KM418RD4AC Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
Page 5
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM
Rev. 1.01 Oct. 1999
General Description
Figure 2 is a block diagram of the 128/144 Mbit Direct
RDRAM. It consists of two major blocks: a “core” block
built from banks and sense amps similar to those found in
other types of DRAM, and a Direct Rambus interface block
which permits an external controller to access this core at up
to 1.6GB/s.
Control Registers: The CMD, SCK, SIO0, and SIO1
pins appear in the upper center of Figure 2. They are used to
write and read a block of control registers. These registers
supply the RDRAM configuration information to a
controller and they select the operating modes of the device.
The nine bit REFR value is used for tracking the last
refreshed row. Most importantly, the five bit DEVID speci-
fies the device address of the RDRAM on the Channel.
Clocking: The CTM and CTMN pins (Clock-To-Master)
generate TCLK (Transmit Clock), the internal clock used to
transmit read data. The CFM and CFMN pins (Clock-From-
Master) generate RCLK (Receive Clock), the internal clock
signal used to receive write data and to receive the ROW and
COL pins.
DQA,DQB Pins: These 18 pins carry read (Q) and write
(D) data across the Channel. They are multiplexed/de-multi-
plexed from/to two 72-bit data paths (running at one-eighth
the data frequency) inside the RDRAM.
Banks: The 16Mbyte core of the RDRAM is divided into
32 0.5Mbyte banks, each organized as 512 rows, with each
row containing 64 dualocts, and each dualoct containing 16
bytes. A dualoct is the smallest unit of data that can be
addressed.
Sense Amps: The RDRAM contains 34 sense amps. Each
sense amp consists of 512 bytes of fast storage (256 for
DQA and 256 for DQB) and can hold one-half of one row of
one bank of the RDRAM. The sense amp may hold any of
the 512 half-rows of an associated bank. However, each
sense amp is shared between two adjacent banks of the
RDRAM (except for numbers 0, 15, 30, and 31). This intro-
duces the restriction that adjacent banks may not be simulta-
neously accessed.
RQ Pins: These pins carry control and address informa-
tion. They are broken into two groups. RQ7..RQ5 are also
called ROW2..ROW0, and are used primarily for controlling
row accesses. RQ4..RQ0 are also called COL4..COL0, and
are used primarily for controlling column accesses.
ROW Pins: The principle use of these three pins is to
manage the transfer of data between the banks and the sense
amps of the RDRAM. These pins are de-multiplexed into a
24-bit ROWA (row-activate) or ROWR (row-operation)
packet.
COL Pins: The principle use of these five pins is to
manage the transfer of data between the DQA/DQB pins and
the sense amps of the RDRAM. These pins are de-multi-
plexed into a 23-bit COLC (column-operation) packet and
either a 17-bit COLM (mask) packet or a 17-bit COLX
(extended-operation) packet.
ACT Command: An ACT (activate) command from an
ROWA packet causes one of the 512 rows of the selected
bank to be loaded to its associated sense amps (two 256 byte
sense amps for DQA and two for DQB).
PRER Command: A PRER (precharge) command from
an ROWR packet causes the selected bank to release its two
associated sense amps, permitting a different row in that
bank to be activated, or permitting adjacent banks to be acti-
vated.
RD Command: The RD (read) command causes one of
the 64 dualocts of one of the sense amps to be transmitted on
the DQA/DQB pins of the Channel.
WR Command: The WR (write) command causes a
dualoct received from the DQA/DQB data pins of the
Channel to be loaded into the write buffer. There is also
space in the write buffer for the BC bank address and C
column address information. The data in the write buffer is
automatically retired (written with optional bytemask) to one
of the 64 dualocts of one of the sense amps during a subse-
quent COP command. A retire can take place during a RD,
WR, or NOCOP to another device, or during a WR or
NOCOP to the same device. The write buffer will not retire
during a RD to the same device. The write buffer reduces the
delay needed for the internal DQA/DQB data path turn-
around.
PREC Precharge: The PREC, RDA and WRA
commands are similar to NOCOP, RD and WR, except that
a precharge operation is performed at the end of the column
operation. These commands provide a second mechanism
for performing precharge.
PREX Precharge: After a RD command, or after a WR
command with no byte masking (M=0), a COLX packet may
be used to specify an extended operation (XOP). The most
important XOP command is PREX. This command provides
a third mechanism for performing precharge.


同様の部品番号 - KM418RD4AC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KM4100 FAIRCHILD-KM4100 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8 FAIRCHILD-KM4100IC8 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IC8TR3 FAIRCHILD-KM4100IC8TR3 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IT5 FAIRCHILD-KM4100IT5 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
KM4100IT5TR3 FAIRCHILD-KM4100IT5TR3 Datasheet
333Kb / 11P
   Low Cost, 2.7V and 5V, 260MHz Rail-to-Rail Amplifiers
More results

同様の説明 - KM418RD4AC

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K4R271669A SAMSUNG-K4R271669A Datasheet
3Mb / 64P
   256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
K4R881869M SAMSUNG-K4R881869M Datasheet
3Mb / 64P
   288Mbit RDRAM 512K x 18 bit x 2*16 Dependent Banks Direct RDRAMTM
KM416RD8AS SAMSUNG-KM416RD8AS Datasheet
3Mb / 64P
   128Mbit RDRAM 256K x 16 bit x 2*16 Dependent Banks Direct RDRAMTM for Consumer Package
K4R271669B SAMSUNG-K4R271669B Datasheet
306Kb / 20P
   256K x 16/18 bit x 32s banks Direct RDRAMTM
K4R761869A-F SAMSUNG-K4R761869A-F Datasheet
313Kb / 20P
   576Mbit RDRAM (A-die) 1M x 18bit x 32s banks Direct RDRAMTM
logo
Integrated Circuit Solu...
IC42S16101 ICSI-IC42S16101 Datasheet
759Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com