データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM48V8104C データシート(PDF) 5 Page - Samsung semiconductor

部品番号 KM48V8104C
部品情報  8M x 8bit CMOS Dynamic RAM with Extended Data Out
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM48V8104C データシート(HTML) 5 Page - Samsung semiconductor

  KM48V8104C Datasheet HTML 1Page - Samsung semiconductor KM48V8104C Datasheet HTML 2Page - Samsung semiconductor KM48V8104C Datasheet HTML 3Page - Samsung semiconductor KM48V8104C Datasheet HTML 4Page - Samsung semiconductor KM48V8104C Datasheet HTML 5Page - Samsung semiconductor KM48V8104C Datasheet HTML 6Page - Samsung semiconductor KM48V8104C Datasheet HTML 7Page - Samsung semiconductor KM48V8104C Datasheet HTML 8Page - Samsung semiconductor KM48V8104C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
KM48V8004C,KM48V8104C
CMOS DRAM
CAPACITANCE (TA=25
°C, VCC=3.3V, f=1MHz)
Parameter
Symbol
Min
Max
Units
Input capacitance [A0 ~ A12]
CIN1
-
5
pF
Input capacitance [RAS, CAS, W, OE]
CIN2
-
7
pF
Output capacitance [DQ0 - DQ7]
CDQ
-
7
pF
AC CHARACTERISTICS (0
°C≤TA≤70°C, See note 2)
Test condition : VCC=3.3V
±0.3V, Vih/Vil=2.2/0.7V, Voh/Vol=2.0/0.8V
Parameter
Symbol
-45
-5
-6
Units
Note
Min
Max
Min
Max
Min
Max
Random read or write cycle time
tRC
74
84
104
ns
Read-modify-write cycle time
tRWC
101
113
138
ns
Access time from RAS
tRAC
45
50
60
ns
3,4,10
Access time from CAS
tCAC
12
13
15
ns
3,4,5
Access time from column address
tAA
23
25
30
ns
3,10
CAS to output in Low-Z
tCLZ
3
3
3
ns
3
Output buffer turn-off delay from CAS
tCEZ
3
13
3
13
3
13
ns
6,13
OE to output in Low-Z
tOLZ
3
3
3
ns
3
Transition time (rise and fall)
tT
1
50
1
50
1
50
ns
2
RAS precharge time
tRP
25
30
40
ns
RAS pulse width
tRAS
45
10K
50
10K
60
10K
ns
RAS hold time
tRSH
8
8
10
ns
CAS hold time
tCSH
35
38
40
ns
CAS pulse width
tCAS
7
5K
8
10K
10
10K
ns
14
RAS to CAS delay time
tRCD
11
33
11
37
14
45
ns
4
RAS to column address delay time
tRAD
9
22
9
25
12
30
ns
10
CAS to RAS precharge time
tCRP
5
5
5
ns
Row address set-up time
tASR
0
0
0
ns
Row address hold time
tRAH
7
7
10
ns
Column address set-up time
tASC
0
0
0
ns
Column address hold time
tCAH
7
7
10
ns
Column address to RAS lead time
tRAL
23
25
30
ns
Read command set-up time
tRCS
0
0
0
ns
Read command hold time referenced to CAS
tRCH
0
0
0
ns
8
Read command hold time referenced to RAS
tRRH
0
0
0
ns
8
Write command hold time
tWCH
7
7
10
ns
Write command pulse width
tWP
6
7
10
ns
Write command to RAS lead time
tRWL
8
8
10
ns
Write command to CAS lead time
tCWL
7
7
10
ns
Data set-up time
tDS
0
0
0
ns
9


同様の部品番号 - KM48V8104C

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM48V8104B SAMSUNG-KM48V8104B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
More results

同様の説明 - KM48V8104C

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM48C8004B SAMSUNG-KM48C8004B Datasheet
383Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8004B SAMSUNG-KM48V8004B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812E SAMSUNG-K4E660812E Datasheet
190Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812C SAMSUNG-K4E660812C Datasheet
416Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812B SAMSUNG-K4E660812B Datasheet
416Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com