データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM62256CLG-5 データシート(PDF) 2 Page - Samsung semiconductor

部品番号 KM62256CLG-5
部品情報  32Kx8 bit Low Power CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62256CLG-5 データシート(HTML) 2 Page - Samsung semiconductor

  KM62256CLG-5 Datasheet HTML 1Page - Samsung semiconductor KM62256CLG-5 Datasheet HTML 2Page - Samsung semiconductor KM62256CLG-5 Datasheet HTML 3Page - Samsung semiconductor KM62256CLG-5 Datasheet HTML 4Page - Samsung semiconductor KM62256CLG-5 Datasheet HTML 5Page - Samsung semiconductor KM62256CLG-5 Datasheet HTML 6Page - Samsung semiconductor KM62256CLG-5 Datasheet HTML 7Page - Samsung semiconductor KM62256CLG-5 Datasheet HTML 8Page - Samsung semiconductor KM62256CLG-5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRELIMINARY
Revision 3.0
KM62256C Family
CMOS SRAM
April 1996
PRODUCT LIST & ORDERING INFORMATION
PRODUCT LIST
Commercial Temp Product
(0~70¡É)
Extended Temp Products
(-25~85¡É)
Industrial Temp Products
(-40~85¡É)
Part Name
Function
Part Name
Function
Part Name
Function
KM62256CLP-4
KM62256CLP-4L
KM62256CLP-5
KM62256CLP-5L
KM62256CLP-7
KM62256CLP-7L
KM62256CLG-4
KM62256CLG-4L
KM62256CLG-5
KM62256CLG-5L
KM62256CLG-7
KM62256CLG-7L
KM62256CLTG-4
KM62256CLTG-4L
KM62256CLTG-5
KM62256CLTG-5L
KM62256CLTG-7
KM62256CLTG-7L
KM62256CLRG-4
KM62256CLRG-4L
KM62256CLRG-5
KM62256CLRG-5L
KM62256CLRG-7
KM62256CLRG-7L
28-DIP, 45ns, L-pwr
28-DIP, 45ns, LL-pwr
28-DIP, 55ns, L-pwr
28-DIP, 55ns, LL-pwr
28-DIP, 70ns, L-pwr
28-DIP, 70ns, LL-pwr
28-SOP, 45ns, L-pwr
28-SOP, 45ns, LL-pwr
28-SOP, 50ns, L-pwr
28-SOP, 50ns, LL-pwr
28-SOP, 70ns, L-pwr
28-SOP, 70ns, LL-pwr
28-TSOP F, 45ns, L-pwr
28-TSOP F, 45ns, LL-pwr
28-TSOP F, 55ns, L-pwr
28-TSOP F, 55ns, LL-pwr
28-TSOP F, 70ns, L-pwr
28-TSOP F, 70ns, LL-pwr
28-TSOP R, 45ns, L-pwr
28-TSOP R, 45ns, LL-pwr
28-TSOP R, 55ns, L-pwr
28-TSOP R, 55ns, LL-pwr
28-TSOP R, 70ns, L-pwr
28-TSOP R, 70ns, LL-pwr
KM62256CLGE-7
KM62256CLGE-7L
KM62256CLGE-10
KM62256CLGE-10L
KM62256CLTGE-7
KM62256CLTGE-7L
KM62256CLTGE-10
KM62256CLTGE-10L
KM62256CLRGE-7
KM62256CLRGE-7L
KM62256CLRGE-10
KM62256CLRGE-10L
28-SOP, 70ns, L-pwr
28-SOP, 70ns, LL-pwr
28-SOP, 100ns, L-pwr
28-SOP, 100ns, LL-pwr
28-TSOP F, 70ns, L-pwr
28-TSOP F, 70ns, LL-pwr
28-TSOP F, 100ns, L-pwr
28-TSOP F, 100ns, LL-pwr
28-TSOP R, 70ns, L-pwr
28-TSOP R, 70ns, LL-pwr
28-TSOP R, 100ns, L-pwr
28-TSOP R, 100ns, LL-pwr
KM62256CLGI-7
KM62256CLGI-7L
KM62256CLGI-10
KM62256CLGI-10L
KM62256CLTGI-7
KM62256CLTGI-7L
KM62256CLTGI-10
KM62256CLTGI-10L
KM62256CLRGI-7
KM62256CLRGI-7L
KM62256CLRGI-10
KM62256CLRGI-10L
28-SOP, 70ns, L-pwr
28-SOP, 70ns, LL-pwr
28-SOP, 100ns, L-pwr
28-SOP, 100ns, LL-pwr
28-TSOP F, 70ns, L-pwr
28-TSOP F, 70ns, LL-pwr
28-TSOP F, 100ns, L-pwr
28-TSOP F, 100ns, LL-pwr
28-TSOP R, 70ns, L-pwr
28-TSOP R, 70ns, LL-pwr
28-TSOP R, 100ns, L-pwr
28-TSOP R, 100ns, LL-pwr
ORDERING INFORMATION
KM6 2 X 256 C X X X - XX X
L-Low Low Power, Blank-Low Power or High Power
Access Time : 4=45ns, 5=55ns, 7=70ns, 10=100ns
Operating temperature : Blank=Commercial, I=Industrial, E=Extended
Package Type : G=SOP, P=DIP, TG=TSOP Forward, RG=TSOP Reverse
L-Low Power or Low Low Power, Blank-High Power
Die Version : C=4th generation
Density : 256=256K bit
Blank=5V, V=3.0~3.6V, U=2.7~3.3V
Organization : 2=x8
SEC Standard SRAM


同様の部品番号 - KM62256CLG-5

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM62256CLG-5 SAMSUNG-KM62256CLG-5 Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CLG-5L SAMSUNG-KM62256CLG-5L Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
More results

同様の説明 - KM62256CLG-5

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com