データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM681002CLI-12 データシート(PDF) 8 Page - Samsung semiconductor

部品番号 KM681002CLI-12
部品情報  128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM681002CLI-12 データシート(HTML) 8 Page - Samsung semiconductor

  KM681002CLI-12 Datasheet HTML 1Page - Samsung semiconductor KM681002CLI-12 Datasheet HTML 2Page - Samsung semiconductor KM681002CLI-12 Datasheet HTML 3Page - Samsung semiconductor KM681002CLI-12 Datasheet HTML 4Page - Samsung semiconductor KM681002CLI-12 Datasheet HTML 5Page - Samsung semiconductor KM681002CLI-12 Datasheet HTML 6Page - Samsung semiconductor KM681002CLI-12 Datasheet HTML 7Page - Samsung semiconductor KM681002CLI-12 Datasheet HTML 8Page - Samsung semiconductor KM681002CLI-12 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
KM681002C/CL, KM681002CI/CLI
CMOS SRAM
PRELIMINARY
Revision 2.0
- 8 -
March 2000
PRELIMINARY
DATA RETENTION CHARACTERISTICS*(TA=0 to 70
°C)
* The above parameters are also guaranteed at industrial temperature range.
Data Retention Characteristic is for L-ver only.
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
VCC for Data Retention
VDR
CS
≥VCC-0.2V
2.0
-
5.5
V
Data Retention Current
IDR
VCC=3.0V, CS
≥VCC-0.2V
VIN
≥VCC-0.2V or VIN≤0.2V
-
-
0.4
mA
VCC=2.0V, CS
≥VCC-0.2V
VIN
≥VCC-0.2V or VIN≤0.2V
-
-
0.3
Data Retention Set-Up Time
tSDR
See Data Retention
Wave form(below)
0
-
-
ns
Recovery Time
tRDR
5
-
-
ms
DATA RETENTION WAVE FORM
CS controlled
VCC
4.5V
VIH
VDR
CS
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR


同様の部品番号 - KM681002CLI-12

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-12 SAMSUNG-KM681002A-12 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-15 SAMSUNG-KM681002A-15 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A-20 SAMSUNG-KM681002A-20 Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002AI SAMSUNG-KM681002AI Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results

同様の説明 - KM681002CLI-12

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1016V1D SAMSUNG-K6R1016V1D Datasheet
259Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1016V1C SAMSUNG-K6R1016V1C Datasheet
307Kb / 11P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1D SAMSUNG-K6R1008V1D Datasheet
102Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
K6R1004V1D SAMSUNG-K6R1004V1D Datasheet
192Kb / 9P
   64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com