データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KM68257CP-20 データシート(PDF) 4 Page - Samsung semiconductor

部品番号 KM68257CP-20
部品情報  32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68257CP-20 データシート(HTML) 4 Page - Samsung semiconductor

  KM68257CP-20 Datasheet HTML 1Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 2Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 3Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 4Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 5Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 6Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 7Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 8Page - Samsung semiconductor KM68257CP-20 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
KM68257C/CL
CMOS SRAM
PRELIMINARY
Rev 3.0
- 4 -
February-1996
TEST CONDITIONS
Parameter
Value
Input Pulse Levels
0V to 3V
Input Rise and Fall Times
3§À
Input and Output timing Reference Levels
1.5V
Output Loads
See below
AC CHARACTERISTICS(TA=0 to 70
°C, VCC=5.0V±10%, unless otherwise noted.)
Output Loads(A)
Output Loads(B)
DOUT
5pF*
480
255
for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ
+5.0V
READ CYCLE
Parameter
Symbol
KM68257C/CL-12
KM68257C/CL-15
KM68257C/CL-20
Unit
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
12
-
15
-
20
-
§À
Address Access Time
tAA
-
12
-
15
-
20
§À
Chip Select to Output
tCO
-
12
-
15
-
20
§À
Output Enable to Valid Output
tOE
-
6
-
7
-
9
§À
Chip Enable to Low-Z Output Access
tLZ
3
-
3
-
3
-
§À
Output Enable to Low-Z Output
tOLZ
0
-
0
-
0
-
§À
Chip Disable to High-Z Output
tHZ
0
6
0
7
0
10
§À
Output Disable to High-Z Output
tOHZ
0
6
0
7
0
10
§À
Output Hold from Address Change
tOH
3
-
3
-
3
-
§À
Chip Selection to Power Up Time
tPU
0
-
0
-
0
-
§À
Chip Selection to Power DownTime
tPD
-
12
-
15
-
20
§À
DOUT
30pF*
480
255
+5V
* Including Scope and Jig Capacitance


同様の部品番号 - KM68257CP-20

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E-10 SAMSUNG-KM68257E-10 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E-12 SAMSUNG-KM68257E-12 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257E-15 SAMSUNG-KM68257E-15 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM68257EI-10 SAMSUNG-KM68257EI-10 Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
More results

同様の説明 - KM68257CP-20

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM68V257C SAMSUNG-KM68V257C Datasheet
197Kb / 9P
   32Kx8 Bit High Speed Static RAM(3.3V Operating), Evolutionary Pin out.
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM68257E SAMSUNG-KM68257E Datasheet
166Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM(5V Operating) Operated at Commercial and Industrial Temperature Ranges.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6E1004C1B SAMSUNG-K6E1004C1B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
KM641001B SAMSUNG-KM641001B Datasheet
134Kb / 9P
   256Kx4 Bit (with OE) High Speed Static RAM(5V Operating), Evolutionary Pin out
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com