データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-44150-002 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-44150-002
部品情報  Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-44150-002 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-44150-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-44150-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-44150-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-44150-002 Datasheet HTML 4Page - Molex Electronics Ltd. SD-44150-002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0441500009
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
Documents:
3D Model
Product Specification PS-44050-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
44150
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
5e
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Keying to Mating Part
None
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Panel Mount
Without Flange
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
4
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44150Series
Mates With
FCC 68 Plugs


同様の部品番号 - SD-44150-002

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-44150-002 MOLEX6-SD-44150-002 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
SD-44150-002 MOLEX6-SD-44150-002 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 8 Ports
SD-44150-002 MOLEX6-SD-44150-002 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 8 Ports
SD-44150-002 MOLEX6-SD-44150-002 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
SD-44150-002 MOLEX6-SD-44150-002 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
More results

同様の説明 - SD-44150-002

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0441500012 MOLEX1-0441500012_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0432238146 MOLEX1-0432238146_18 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0441500022 MOLEX1-0441500022_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0441500028 MOLEX6-0441500028 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0441500025 MOLEX6-0441500025 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0445600004 MOLEX6-0445600004 Datasheet
502Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0432238146 MOLEX5-0432238146 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0441500002 MOLEX6-0441500002 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0441500022 MOLEX6-0441500022 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0445600004 MOLEX1-0445600004_18 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
0432238028 MOLEX5-0432238028 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com