データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-46556-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-46556-001
部品情報  1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Plug, 100 Circuits, 2.00mm (.078") Unmated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX6 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX6 - Molex Electronics Ltd.

SD-46556-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-46556-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-46556-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-46556-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-46556-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-46556-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-46556-001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 03/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0465567147
Status:
Active
Description:
1.27mm (.050") by 1.27mm (.050") Pitch SEARAY* Slim Plug, 100 Circuits, 2.00mm
(.078") Unmated Height, 4 Rows, With Pegs, Solder Charge™ Lead-free
Documents:
3D Model
Product Specification PS-45970-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
46556
Application
Board-to-Board
Product Name
SEARAY*
Physical
Breakaway
No
Circuits (Loaded)
100
Circuits (maximum)
100
Circuits Detail
100
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Surface Mount
Series
image - Reference only
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
46556Series
Mates With
46557 SEARAY* Slim Receptacles


同様の部品番号 - SD-46556-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-46556-001 MOLEX6-SD-46556-001 Datasheet
359Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Plug, 100 Circuits, 3.00mm (.118") Unmated Height, 4 Rows
SD-46556-001 MOLEX6-SD-46556-001 Datasheet
352Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Plug, 80 Circuits, 4.50mm (.196") Unmated Height
SD-46556-001 MOLEX6-SD-46556-001 Datasheet
359Kb / 6P
   1.27mm (.050") by 1.27mm (.050") Pitch SEARAY Slim Plug, 80 Circuits, 2.00mm (.078") Unmated Height
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com