データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74057-1007 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 74057-1007
部品情報  2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX8 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74057-1007 データシート(HTML) 1 Page - Molex Electronics Ltd.

  74057-1007 Datasheet HTML 1Page - Molex Electronics Ltd. 74057-1007 Datasheet HTML 2Page - Molex Electronics Ltd. 74057-1007 Datasheet HTML 3Page - Molex Electronics Ltd. 74057-1007 Datasheet HTML 4Page - Molex Electronics Ltd. 74057-1007 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740571007
Status:
Active
Overview:
vhdm
Description:
2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 6-Row,
Open Signal Module, 60 Circuits, 10 Columns, Pin Length 6.25mm (.246"), 1.27µm
(50µ") Gold (Au) Plating
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
74057
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Open Header
Component Type
PCB Header
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
60
Circuits (maximum)
60
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Beryllium Copper, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.098 In
PC Tail Length (mm)
2.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.071 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74057Series
Mates With
74030 VHDM® Board-to-Board
Daughtercard Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Flat Rock Tooling for
Pneumatic Press
0622013700
VHDM® Insertion
Module for Advanced
Mate Signal Header,
6 Row by 11 Wide,
20.00mm (.787")
0622011101
VHDM® Signal Pin
Inserter Repair Tool
0622015700


同様の部品番号 - 74057-1007

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74057-1001 MOLEX8-74057-1001 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module
74057-1002 MOLEX8-74057-1002 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 6.25mm (.246"), 0.76關m
74057-1003 MOLEX8-74057-1003 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 4.75mm (.167"), 0.76關m
74057-1004 MOLEX8-74057-1004 Datasheet
280Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-RowOpen Signal Module, 60 Circuits, 10 Columns, Pin Length 5.15mm (.203"), 0.76關m
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com