データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74062-2513 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 74062-2513
部品情報  2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Shield End Version, Pin End Version, 200 Circuits, Pin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX8 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74062-2513 データシート(HTML) 2 Page - Molex Electronics Ltd.

  74062-2513 Datasheet HTML 1Page - Molex Electronics Ltd. 74062-2513 Datasheet HTML 2Page - Molex Electronics Ltd. 74062-2513 Datasheet HTML 3Page - Molex Electronics Ltd. 74062-2513 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
3.125 Gbps
Real Signals (per 25mm)
100
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-74062-002
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
VHDM® 8 Row
Shield Extraction
Tool
0622016100
VHDM® Insertion
Module for Advanced
Mate Signal Header,
6 Row by 25 Wide,
50.00mm (1.97")
0622020206
VHDM® Insertion
Module for Standard
Shield Signal
Header, 8 Row by
25 Wide, 50.00mm
(1.97")
0622020210
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 74062-2513

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74062-2511 MOLEX8-74062-2511 Datasheet
518Kb / 4P
   2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin Signal Module
74062-2512 MOLEX8-74062-2512 Datasheet
518Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Shield End Version, 200 Circuits, Pin Length 6.25mm (.246"),
74062-2514 MOLEX8-74062-2514 Datasheet
518Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Shield End Version, Pin End Version, 200 Circuits, Pin
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com