データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2707 データシート(PDF) 1 Page - Sanken electric

部品番号 2SK2707
部品情報  MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK2707 データシート(HTML) 1 Page - Sanken electric

  2SK2707 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings
Electrical Characteristics
Symbol
Ratings
Unit
VDSS
600
V(BR) DSS
600
V
ID = 100
µA, VGS = 0V
V
VGSS
±30
IGSS
±100
nA
VGS =
±30V
V
ID
±4.5
IDSS
100
µAVDS = 600V, VGS = 0V
A
ID (pulse)
±18
(Ta = 25ºC)
(Ta = 25ºC)
VTH
2.0
4.0
V
VDS = 10V, ID = 1mA
A
PD
35 (Tc = 25ºC)
Re (yfs)
2.4
3.5
3.0
SVDS = 20V, ID = 2A
W
EAS
50
RDS (on)
1.45
1.85
1.5
VGS = 10V, ID = 2A
ISD = 4.5A, VGS = 0V
mJ
Tch
150
Ciss
560
pF
VDS = 10V, f = 1.0MHz,
VGS = 0V
ID = 2A, VDD = 250V,
RL = 125
Ω, VGS = 10V,
See Figure 2 on Page 5.
ºC
IAS
4.5
A
Tstg
–55 to +150
Coss
130
pF
Crss
65
pF
ºC
t d (on)
20
ns
t r
t d (off)
t f
VSD
30
ns
65
ns
90
ns
0.9
V
Symbol
Unit
Conditions
Ratings
typ
max
min
35
*2
*1
010
20
3
2
1
0
4
5
515
4.5V
5V
VGS = 10V
0
0
25
34
0.4
0.8
1.2
1.6
2.0
–50
0
0
50
100
150
2
1
3
4
5
4
1
510
20
0
5
4
3
VDS = 20V
25ºC
125ºC
02
4
6
8
0
2
4
6
10
TC = –55ºC
10V
2
1
0.05
0.2
0.1
0.5
1
0.5
1
10
5
4.5
8
VGS = 4V
25ºC
125ºC
VDS = 20V
TC = –55ºC
ID = 4.5A
ID = 2A
ID = 2A
VGS = 10V
0
1020
3040
50
20
50
100
500
1000
5000
Ciss
Coss
Crss
VGS = 0V
f = 1MHz
0
0
0.5
1.0
1.5
2
4
5
3
1
5V,10V
VGS = 0V
3
5
10
50 100
500 700
0.05
0.1
0.5
1
5
20
10
ID (pulse) max
ID max
DC
OPERATION
R
D
S (O
N
)
LIM
ITED
1m
s (1shot)
100
µ
s (1shot)
0
10
20
30
40
0
50
100
150
Without heatsink
2SK2707
External dimensions 1 ...... FM20
*
1: PW
100
µs, duty cycle 1%
*
2: VDD = 30V, L = 5mH, IL = 4.5A, unclamped, RG = 50
Ω,
See Figure 1 on Page 5.
(Tc = 25ºC)
Ta (ºC)
VDS — ID Characteristics
ID — Re (yfs) Characteristics
VDS — Capacitance Characteristics
VSD — IDR Characteristics
Ta — PD Characteristics
Safe Operating Area
VGS — VDS Characteristics
TC — RDS (ON) Characteristics
VGS — ID Characteristics
ID — RDS (ON) Characteristics
VDS (V)
VDS (V)
VSD (V)
Tc (ºC)
VGS (V)
ID (A)
VGS (V)
VDS (V)
ID (A)


同様の部品番号 - 2SK2707

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
2SK2707 ISC-2SK2707 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK2707

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com