データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FML-G14S データシート(PDF) 1 Page - Sanken electric

部品番号 FML-G14S
部品情報  Ultra-Fast-Recovery Rectifier Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FML-G14S データシート(HTML) 1 Page - Sanken electric

  FML-G14S Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SANKEN ELECTRIC CO., LTD.
FML-G12S
030812
1/4
61426-01
1.
Scope
The present specifications shall apply to an FML-G12S.
2.
Outline
Type
Silicon Diode
Structure
Resin Molded
Applications
High Frequency Rectification
3.
Flammability
UL94V-0(Equivalent)
4.
Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
200
2
Peak Reverse Voltage
VRM
V
200
3
Average Forward Current
IF(AV)
A
5.0
Refer to derating curve
in Section 7
4
Peak Surge Forward Current
IFSM
A
65
10 ms.
Half sine wave, one shot
5
I
2t Limiting Value
I
2t
A
2s
21
1 ms ≤ t ≤ 10 ms
6
Junction Temperature
Tj
°C
-40 to +150
7
Storage Temperature
Tstg
°C
-40 to +150
No.1,2,4&5 show ratings per one chip.
5.
Electrical characteristics (Ta=25°C ,unless otherwise specified)
No
.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.98 max.
IF=5.0A
2
Reverse Leakage Current
IR
µA
100 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
µA
200 max.
VR=VRM, Tj=150°C
4
Reverse Recovery Time
trr1
ns
40 max.
IF=IRP=100mA
90% Recovery point, Tj=25°C
trr2
ns
30 max.
IF=100mA,IRP=200mA
75% Recovery point ,Tj=25°C
5
Thermal Resistance
Rth(j-c)
°C/W
4.0 max.
Between Junction and case


同様の部品番号 - FML-G14S

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FML-G14S ETC-FML-G14S Datasheet
54Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML-G14S ETC1-FML-G14S Datasheet
119Kb / 1P
   ULTRA-FAST-RECOVERY RECTIFIER DIODES
More results

同様の説明 - FML-G14S

メーカー部品番号データシート部品情報
logo
Sanken electric
RG2Z SANKEN-RG2Z Datasheet
18Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RP1H SANKEN-RP1H Datasheet
16Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FML22S SANKEN-FML22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
AL01Z SANKEN-AL01Z Datasheet
23Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
FMG-22S SANKEN-FMG-22S Datasheet
21Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
STPR520D STMICROELECTRONICS-STPR520D Datasheet
75Kb / 6P
   ULTRA-FAST RECOVERY RECTIFIER DIODES
October 1999 - Ed: 2B
logo
List of Unclassifed Man...
MP3-306 ETC1-MP3-306 Datasheet
95Kb / 3P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR810F YANGJIE-MUR810F Datasheet
167Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
logo
Shenzhen Taychipst Elec...
RN3Z TAYCHIPST-RN3Z Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
RU1 TAYCHIPST-RU1 Datasheet
838Kb / 1P
   Ultra-Fast-Recovery Rectifier Diodes
logo
Yangzhou yangjie electr...
MUR2010CT YANGJIE-MUR2010CT Datasheet
109Kb / 2P
   Ultra-Fast Recovery Rectifier Diodes
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com