データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74993-4100 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 74993-4100
部品情報  2.00mm (.079) Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical, SMC, Double End Wall Option, Solder Tail, 72 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX9 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74993-4100 データシート(HTML) 2 Page - Molex Electronics Ltd.

  74993-4100 Datasheet HTML 1Page - Molex Electronics Ltd. 74993-4100 Datasheet HTML 2Page - Molex Electronics Ltd. 74993-4100 Datasheet HTML 3Page - Molex Electronics Ltd. 74993-4100 Datasheet HTML 4Page - Molex Electronics Ltd. 74993-4100 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical
Current - Maximum per Contact
1A
Data Rate
1.0 Gbps
Real Signals (per 25mm)
75
Shielded
No
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Application Specification
AS-73642-9998
Packaging Specification
PK-70873-0871
Product Specification
PS-73780-999
Sales Drawing
SD-74993-001
HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 74993-4100

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74993-4000 MOLEX9-74993-4000 Datasheet
214Kb / 5P
   2.00mm (.079") Pitch HDM Board-to-Board Stacking Header, High Rise Vertical, SMC
74993-4009 MOLEX9-74993-4009 Datasheet
195Kb / 5P
   2.00mm (.079) Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical, SMC, Double End Wall Option, Solder Tail, 72 Circuits, Lead Free
More results

同様の説明 - 74993-4100

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0749934009 MOLEX9-0749934009 Datasheet
195Kb / 5P
   2.00mm (.079) Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical, SMC, Double End Wall Option, Solder Tail, 72 Circuits, Lead Free
0737826300 MOLEX8-0737826300 Datasheet
204Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical,SMC, Closed End Option, 72 Circuits
0737700100 MOLEX8-0737700100 Datasheet
131Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical, SMC, Closed End Option, 72 Circuits
0737826100 MOLEX8-0737826100 Datasheet
204Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical,SMC, Closed End Option, 72 Circuits
0737700300 MOLEX8-0737700300 Datasheet
131Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical,SMC, Closed End Option, 72 Circuits
0737823100 MOLEX8-0737823100 Datasheet
204Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical, SMC, Closed End Option, 144 Circuits
0737827100 MOLEX8-0737827100 Datasheet
204Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Stacking Header, High Rise Vertical,SMC, Closed End Option, 144 Circuits
0737822100 MOLEX8-0737822100 Datasheet
204Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Stacking Header, High Rise VerticalSMC, Closed End Option, 72 Circuits
0737820100 MOLEX8-0737820100 Datasheet
204Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Stacking Header, High Rise VerticalSMC, Closed End Option, 72 Circuits
0737824300 MOLEX8-0737824300 Datasheet
204Kb / 5P
   2.00mm (.079") Pitch HDM Board-to-Board Stacking Header, High Rise Vertical, SMC, Closed End Option, 72 Circuits
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com