データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74992-0000 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 74992-0000
部品情報  2.00mm (.079) Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Pressfit Tail, Double End, 72 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX9 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74992-0000 データシート(HTML) 1 Page - Molex Electronics Ltd.

  74992-0000 Datasheet HTML 1Page - Molex Electronics Ltd. 74992-0000 Datasheet HTML 2Page - Molex Electronics Ltd. 74992-0000 Datasheet HTML 3Page - Molex Electronics Ltd. 74992-0000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0749920000
Status:
Active
Overview:
hdm
Description:
2.00mm (.079") Pitch HDM® Board-to-Board Backplane Header, Vertical, Pressfit Tail,
Double End, 72 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-73670-9999 (PDF)
General
Product Family
Backplane Connectors
Series
74993
Application
Backplane, Mezzanine
Component Type
PCB Header
Overview
hdm
Product Name
HDM®
Style
N/A
Physical
Circuits (Loaded)
72
Circuits (maximum)
72
Color - Resin
Black
Durability (mating cycles max)
250
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
High Temperature Thermoplastic
Number of Columns
12
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In, 0.188 In
PCB Thickness Recommended (mm)
1.60 mm, 4.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
2
Plating min: Termination (µm)
0.05
Polarized to PCB
No
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74993Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
HDM® Backplane
Insertion Signal
Contact Tool
0621001400
Extraction Tool
0621001000


同様の部品番号 - 74992-0000

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
74992-0010 MOLEX9-74992-0010 Datasheet
134Kb / 4P
   2.00mm (.079) Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Pressfit Tail, Double End, 72 Circuits
More results

同様の説明 - 74992-0000

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0749920010 MOLEX9-0749920010 Datasheet
134Kb / 4P
   2.00mm (.079) Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Pressfit Tail, Double End, 72 Circuits
0739436200 MOLEX8-0739436200 Datasheet
147Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Solder Tail,Closed End, 72 Circuits
0739420200 MOLEX8-0739420200 Datasheet
148Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Solder Tail,Open End, 72 Circuits
0739432200 MOLEX8-0739432200 Datasheet
147Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Solder Tail, Closed End, 72 Circuits
0739430000 MOLEX8-0739430000 Datasheet
147Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Solder Tail, Closed End, 72 Circuits
0739422200 MOLEX8-0739422200 Datasheet
148Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Solder Tail,Open End, 72 Circuits
0739422000 MOLEX8-0739422000 Datasheet
148Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Solder Tail, Open End, 72 Circuits
0739430200 MOLEX8-0739430200 Datasheet
147Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Solder TailClosed End, 72 Circuits
0739420000 MOLEX8-0739420000 Datasheet
148Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Solder TailOpen End, 72 Circuits
0739426200 MOLEX8-0739426200 Datasheet
148Kb / 4P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, Solder TailOpen End, 72 Circuits
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com