データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8120S データシート(PDF) 6 Page - Sanken electric

部品番号 SI-8120S
部品情報  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8120S データシート(HTML) 6 Page - Sanken electric

  SI-8120S Datasheet HTML 1Page - Sanken electric SI-8120S Datasheet HTML 2Page - Sanken electric SI-8120S Datasheet HTML 3Page - Sanken electric SI-8120S Datasheet HTML 4Page - Sanken electric SI-8120S Datasheet HTML 5Page - Sanken electric SI-8120S Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
85
1. Soft Start
Connecting a capacitor to terminal no. 5 permits a soft start at power-
on. Delay time Td and rise time Ts can roughly be calculated as
shown below. (However, the values may slightly vary in an actual
application.) If the capacitance of C3 is increased, it takes longer to
discharge C3 after VIN is turned off. Therefore, it is recommended to
set the value within 10
µF. When not using the soft start function,
keep terminal no. 5 open.
Td=
0.7
×C3
(sec)
20
×10–6
Ts=
4.845
×C3
(sec)
VIN
×20×10–6
SI-8000S
S.S.
C3
VIN
VO
Td
TS
5
2. Output ON/OFF control
Output can be turned on and off by using the soft start terminals.
Set the soft start terminal voltage to VSSL (0.2V typ.) or less to stop
output. To switch the potential at the soft start terminals, drive the
open collector of the transistor. Since the discharge current from C3
flows to the ON/OFF control transistor, limit the current for protec-
tion. The SS terminal is pulled up to the power supply in the IC and
no external voltage can be applied.
SI-8000S
S.S + ON/OFF
S.S.
5
C3
SI-8000S
S.S.
5
ON/OFF
Applications
qSI-8000S Series
(3) Sensing terminal
Output voltage sensing terminal VOS should be connected as close
to output capacitor C2 as possible. If the terminal is far from the
capacitor, the decreasing regulation and increasing switching
ripple may result in abnormal oscillation.
+
L1
5
VOUT
VIN
GND
C1
C2
D1
SI-8000S
Example of basic pattern
Top view (with part names)
3. Variable Output Voltage
The output voltage can be increased by connecting a resistor to VOS
terminal No. 4. (There is no way of decreasing the voltage)
(1) Variable output voltage with single external resistor
SI-8000S
2
4
VO'
GND
C2
REX
VS
IVS
L
3
The output voltage adjustment resistance REX is calculated
as follows:
REX=
VO'–VS
IVS
VS : Set output voltage of product
VO' : Adjusted output voltage
IVS : Inflow current to Vs terminal
* The temperature characteristics of output voltage worsen because
the value REX is not compensated for temperature. The Vs value
fluctuates by up to
±20% depending on the IC product. Since the
output voltage fluctuates more, a semi-fixed resistor is necessary
for accurate output voltage adjustment. If Vs and REX are constant,
the range of output voltage fluctuation can be expressed as follows:
∆VO'(%)=±20•
VO'–VS
VO'
∆VO':Adjusted output voltage
(2) Variable output voltage with two external resistors
SI-8000S
2
4
VO
GND
C2
REX1
REX2
IREX1
IVS
VS
L
3
The output voltage adjustment resistances REX1 and REX2 are
calculated as follows:
REX1=
VO'–VS
S•IVS
REX2=
VS
(S-1)•IVS
S:Stability factor
Bypassing the current to REX2 improves the temperature charac-
teristics and voltage fluctuation ranges more than the method of
(1). Stability factor S indicates the ratio of REX1 to Vs terminal
inflow current. Increasing the S value improves the fluctuations
of the temperature characteristics and output voltage. (Usually 5
to 10)
If the Vs and REX values are constant, the output voltage fluctua-
tion range can be calculated as follows:
∆VO'(%)=
±20
VO'–VS
S
VO'


同様の部品番号 - SI-8120S

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

同様の説明 - SI-8120S

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com