データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI-8150S データシート(PDF) 1 Page - Sanken electric

部品番号 SI-8150S
部品情報  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8150S データシート(HTML) 1 Page - Sanken electric

  SI-8150S Datasheet HTML 1Page - Sanken electric SI-8150S Datasheet HTML 2Page - Sanken electric SI-8150S Datasheet HTML 3Page - Sanken electric SI-8150S Datasheet HTML 4Page - Sanken electric SI-8150S Datasheet HTML 5Page - Sanken electric SI-8150S Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
80
sFeatures
• Compact full-mold package (equivalent to TO220)
• Output current: 3.0A
• High efficiency: 79 to 91%
• Requires only 4 external components
• Phase correction and output voltage adjustment performed internally
• Built-in reference oscillator (60kHz)
• Built-in overcurrent and thermal protection circuits
• Built-in soft start circuit (output ON/OFF control)
sApplications
• Power supplies for telecommunication equipment
• Onboard local power supplies
sLineup
Full-Mold, Separate Excitation Switching Type
SI-8000S Series
Unit
V
A
°C
Symbol
VIN
IO
Tjop
Symbol
VIN
PD1
PD2
Tj
Tstg
VSW
Rth(j-c)
*SI-8033S: 35V
sRecommended Operating Conditions
sAbsolute Maximum Ratings
Unit
V
W
W
°C
°C
V
°C/W
Parameter
DC Input Voltage Range
Output Current Range
Operating Junction Temperature Range
Parameter
DC Input Voltage
Power Dissipation
Junction Temperature
Storage Temperature
SW Terminal Applied Reverse Voltage
Thermal Resistance(junction to case)
Ratings
43*
18(With infinite heatsink)
1.5(Without heatsink, stand-alone operation)
+125
–40 to +125
–1
5.5
Part Number
SI-8033S
SI-8050S
SI-8090S
SI-8120S
SI-8150S
VO(V)
3.3
5.0
9.0
12.0
15.0
IO(A)
3.0
Ratings
SI-8033S
SI-8050S
SI-8090S
SI-8120S
SI-8150S
5.5 to 28
7 to 40
12 to 40
15 to 40
18 to 40
0 to 3.0
–30 to +125
qSI-8000S Series


同様の部品番号 - SI-8150S

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8150S SANKEN-SI-8150S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results

同様の説明 - SI-8150S

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com