データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA3007M データシート(PDF) 6 Page - Sanken electric

部品番号 SLA3007M
部品情報  4-Output, Low Dropout Voltage Dropper Type for USB Hub
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA3007M データシート(HTML) 6 Page - Sanken electric

  SLA3007M Datasheet HTML 1Page - Sanken electric SLA3007M Datasheet HTML 2Page - Sanken electric SLA3007M Datasheet HTML 3Page - Sanken electric SLA3007M Datasheet HTML 4Page - Sanken electric SLA3007M Datasheet HTML 5Page - Sanken electric SLA3007M Datasheet HTML 6Page - Sanken electric SLA3007M Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
qSLA3005M/3006M/3007M
sTypical Characteristics
IO vs. VDIF Characteristics
Rise Characteristics
Rise Characteristics
Quiescent Circuit Current
Circuit Current (ch1 operating)
Circuit Current (ch4 operating)
Overcurrent Protection Characteristics
Overcurrent Protection Characteristics
VIN vs. IS1 Characteristics
Line Regulation
Load Regulation
Line Regulation
SLA3007M
0.5
0.4
0.3
0.2
0.1
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
ch1~3 only
6
5
4
3
2
1
0
01
2
3
4
5
6
Input Voltage VIN (V)
IO=0 to 0.5A
0.1A step
ch1~3 only
4
3
2
1
0
0123456
Input Voltage VIN (V)
IO=0 to 0.5A
0.1A step
ch4 only
500
400
300
200
100
0
0
5
10
15
20
Input Voltage VIN (V)
VC1, 2, 3, 4=0V
ch1~4total
60
40
20
0
02468
10
12
Input Voltage VIN (V)
ch1~3 only
IO=0.5 to 0A
0.1A step
VC1=Open, VC2, 3, 4=0V
40
30
20
10
0
02468
10
12
Input Voltage VIN (V)
ch4 only
VC1, 2, 3=0V
IO=0.5 to 0A
0.1A step
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
Output Current IO (A)
Cd=0V
Shut-down
12V
15V
VIN=5.5V
7V
10V
ch1~3 only
4
3
2
1
0
0
0.2
0.4
0.7
0.6
Output Current IO (A)
VIN=6V, 7V, 8V, 9V 10V
ch4 only
0.80
0.75
0.70
0.65
0.60
0.55
0.50
5
6
8
101214161820
Input Voltage VIN (V)
Same for ch 1-4
5.00
4.98
4.96
4.94
4.92
4.90
4
6
8
10
12
14
16
18
20
Input Voltage VIN (V)
IO=0 to 0.5A
0.1A step
ch1~3 only
5.00
4.98
4.96
4.94
4.92
4.90
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
VIN=5.5V
7V
10V
12V
15V
20V
ch1~3 only
3.32
3.30
3.28
3.26
3.24
3.22
3.20
4
6
8
10
12
14
16
18
Input Voltage VIN (V)
IO=0 to 0.5A
0.1A step
ch4 only
(Ta=25
°C)


同様の部品番号 - SLA3007M

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA3001M SANKEN-SLA3001M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
logo
Allegro MicroSystems
SLA3001M ALLEGRO-SLA3001M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SLA3002M SANKEN-SLA3002M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
logo
Allegro MicroSystems
SLA3002M ALLEGRO-SLA3002M Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Sanken electric
SLA3004M SANKEN-SLA3004M Datasheet
96Kb / 5P
   3-Output Dropper/Switching Type
More results

同様の説明 - SLA3007M

メーカー部品番号データシート部品情報
logo
Sanken electric
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com