データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA5006 データシート(PDF) 1 Page - Sanken electric

部品番号 SLA5006
部品情報  P-channel With built-in flywheel diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5006 データシート(HTML) 1 Page - Sanken electric

  SLA5006 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
Re(yfs)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
Capacitance-VDS Characteristics (Typical)
IDR-VSD Characteristics (Typical)
Safe Operating Area (SOA)
PT-Ta Characteristics
39
Characteristic curves
(Ta=25
°C)
Symbol
Ratings
Unit
VDSS
–100
V
VGSS
20
V
ID
5
A
ID(pulse)
10(PW
≤1ms)
A
IF
5(PW
≤0.5ms, Du≤25%)
A
IFSM
10(PW
≤10ms, Single pulse)
A
VR
120
V
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C,with all circuits operating, with infinite heatsink)W
θ j-a
25 (Junction-Air, Ta=25
°C, with all circuits operating) °C/W
θ j-c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating) °C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
SLA5006
(Ta=25
°C)
Symbol
Unit
Condition
V(BR)DSS
–100
V
ID=–250
µA, VGS=0V
IGSS
500
nA
VGS= 20V
IDSS
–250
µAVDS=–100V, VGS=0V
VTH
–2.0
–4.0
V
VDS=–10V, ID=–250
µA
Re(yfs)
0.9
2.0
S
VDS=–10V, ID=–5A
RDS(ON)
0.55
0.7
VGS=–10V, ID=–5A
Ciss
300
pF
VDS=–25V, f=1.0MHz,
Coss
200
pF
VGS=0V
ton
150
ns
ID=–5A, VDD –50V, VGS=–10V,
toff
200
ns
see Fig. 4 on page 16.
VSD
–4.5
–5.5
V
ISD=–5A, VGS=0V
trr
220
ns
ISD= 100mA
PT
Specification
min
typ
max
Symbol
Unit
Condition
VR
120
V
IR=10
µA
VF
1.0
1.2
V
IF=1A
IR
10
µAVR=120V
trr
100
ns
IF= 100mA
Specification
min
typ
max
7
6
15
8
11
10
9
4
3
2
12
0
---2
---10
VDS (V)
---4
---6
---8
---8
---6
---0
---2
---4
---10
–5V
–6V
–7V
–10V
VGS=–4V
VGS (V)
0
---2
---10
---4
---6
---8
---8
---6
---0
---2
---4
---10
(VDS=–10V)
125
°C
0
0
---2
0.2
0.6
0.8
1.0
ID (A)
---4
---6
---8
0.4
---10
(VGS=–10V)
0.3
---0.5
---1
1
5
ID (A)
---5
---10
0.5
---0.1
---0.05
(VDS=–10V)
25
°C
125
°C
TC=–40
°C
–40
0
0
50
100
150
0.6
0.8
1.2
TC (
°C)
0.2
1.0
0.4
ID=–5A
VGS=–10V
0
---10
---20
---30
---40
---50
50
100
1000
VDS (V)
500
20
VGS=0V
f=1MHz
Ciss
Coss
Crss
0---3
VSD (V)
---1
---10
---6
0
---4
---2
---2
---4
---8
–5V
–10V
---0.5
---0.1
---1
---5
---10
---50 ---100
---1
---5
---20
VDS (V)
---0.5
---10
(TC=25
°C)
ID (pulse) max
1ms
LIMITED
100
µ
s
10
ms
(1shot)
R
DS
(ON)
25
30
35
40
20
15
10
5
0
0
50
100
150
Ta (
°C)
With Silicone Grease
Natural Cooling
All Circuits Operating
Without Heatsink
P-channel
With built-in flywheel diode
Absolute maximum ratings
Electrical characteristics
sEquivalent circuit diagram
qDiode for flyback voltage absorption
External dimensions
A • • • SLA


同様の部品番号 - SLA5006

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA5001 SANKEN-SLA5001 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5002 SANKEN-SLA5002 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SLA5003 SANKEN-SLA5003 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SLA5004 SANKEN-SLA5004 Datasheet
21Kb / 1P
   P-channel General purpose
SLA5005 SANKEN-SLA5005 Datasheet
21Kb / 1P
   P-channel General purpose
More results

同様の説明 - SLA5006

メーカー部品番号データシート部品情報
logo
Sanken electric
SDK02 SANKEN-SDK02 Datasheet
13Kb / 1P
   N-channel With built-in flywheel diode
SLA5002 SANKEN-SLA5002 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106 Datasheet
38Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SLA5040 SANKEN-SLA5040 Datasheet
13Kb / 1P
   N-channel With built-in flywheel diode
SMA5114 SANKEN-SMA5114 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5106 SANKEN-SMA5106_01 Datasheet
38Kb / 1P
   N-channel With built-in flywheel diode
SLA5031 SANKEN-SLA5031 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5105 SANKEN-SMA5105 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
SMA5102 SANKEN-SMA5102 Datasheet
22Kb / 1P
   N-channel With built-in flywheel diode
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com