データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA7032M データシート(PDF) 6 Page - Sanken electric

部品番号 SLA7032M
部品情報  2-Phase Stepper Motor Unipolar Driver ICs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7032M データシート(HTML) 6 Page - Sanken electric

  SLA7032M Datasheet HTML 1Page - Sanken electric SLA7032M Datasheet HTML 2Page - Sanken electric SLA7032M Datasheet HTML 3Page - Sanken electric SLA7032M Datasheet HTML 4Page - Sanken electric SLA7032M Datasheet HTML 5Page - Sanken electric SLA7032M Datasheet HTML 6Page - Sanken electric SLA7032M Datasheet HTML 7Page - Sanken electric SLA7032M Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
33
SLA7032M/SLA7033M
SLA7032M/SLA7033M
2-Phase Stepper Motor Unipolar Driver IC (2-Phase/1-2 Phase Excitation)
50
40
30
20
10
0
100
500
1K
5K
Response frequency (pps)
Without heatsink
Natural cooling
Motor : 23PM-C705
Motor current IO=1.5A
Ta=25
°C
VCC=24V, VS=24V
2-phase excitation
TC( 4 pin)
30
25
20
15
10
5
0
200
500
1K
Motor : PH265-01B
Motor current IO=0.8A
Ta=25
°C
VCC=24V, VS=24V
2-phase excitation
Response frequency (pps)
Without heatsink
Natural cooling
TC ( 4 pin)
SLA7032M
SLA7033M
Thermal characteristics
Fig. 7 Temperature rise
Fig. 6 Heat dissipation per phase PH vs. Output current IO
Output current IO (A)
Motor : 23LM-C004
Holding mode
0
0.2
0.4
0.6
0.8
1.0
1.2
1.0
0.8
0.6
0.4
0.2
0
VCC
=44V
36V
24V
15V
∆T
j
1
02
3
4
5
∆T
C
Natural cooling
Without heatsink
150
100
50
0
Total Power (W)
Motor : 23PM-C503
Holding mode
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
Output current IO (A)
SLA7032M
SLA7033M
sThermal Design
An outline of the method for calculated heat dissipation is shown below.
(1) Obtain the value of PH that corresponds to the motor coil current IO from Fig. 6 "Heat dissipation per phase PH vs. Output current IO."
(2) The power dissipation Pdiss is obtained using the following formula.
2-phase excitation: Pdiss
≅ 2PH+0.015×VS (W)
1-2 phase excitation: Pdiss
PH+0.015
×VS (W)
(3) Obtain the temperature rise that corresponds to the computed value of Pdiss from Fig. 7 "Temperature rise."
3
2


同様の部品番号 - SLA7032M

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA7032M SANKEN-SLA7032M Datasheet
445Kb / 2P
   2-Phase/1-2 Phase Excitation
More results

同様の説明 - SLA7032M

メーカー部品番号データシート部品情報
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com