データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMA7029M データシート(PDF) 7 Page - Sanken electric

部品番号 SMA7029M
部品情報  2-Phase Stepper Motor Unipolar Driver ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA7029M データシート(HTML) 7 Page - Sanken electric

  SMA7029M Datasheet HTML 1Page - Sanken electric SMA7029M Datasheet HTML 2Page - Sanken electric SMA7029M Datasheet HTML 3Page - Sanken electric SMA7029M Datasheet HTML 4Page - Sanken electric SMA7029M Datasheet HTML 5Page - Sanken electric SMA7029M Datasheet HTML 6Page - Sanken electric SMA7029M Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
11
SLA7022MU/SLA7029M/SMA7022MU/SMA7029M
SLA7022MU/SLA7029M/SMA7022MU/SMA7029M
2-Phase Stepper Motor Unipolar Driver ICs (2-Phase Excitation)
0
Supply voltage VCC (V)
500
400
300
200
100
0
10
20
30
40
50
Motor : 23LM-C202
1-phase excitation
Holding mode
IO : Output current
IO=1A
0.4A
0.2A
sSupply Voltage VCC vs. Supply Current ICC
SLA7022MU, SMA7022MU
0
Supply voltage VCC (V)
500
400
300
200
100
0
10
20
30
40
50
0.2A
0.5A
IO=1A
Motor : 23LM-C004
1-phase excitation
Holding mode
IO : Output current
SLA7029M, SMA7029M
100
Response frequency (pps)
2.0
1.5
1.0
0.5
0
5K
1K
500
Motor : 23LM-C202
Output current IO =0.8A
Motor supply voltage VCC =24V
2-phase excitation
sTorque Characteristics
SLA7029M, SMA7029M
100
Response frequency (pps)
2.0
1.5
1.0
0.5
0
5K
1K
500
Motor : PX244-02
Output current IO =0.6A
Motor supply voltage VCC =24V
2-phase excitation
SLA7022MU, SMA7022MU


同様の部品番号 - SMA7029M

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
SMA7029M ALLEGRO-SMA7029M Datasheet
137Kb / 12P
   HIGH-CURRENT PWM, UNIPOLAR STEPPER MOTOR CONTROLLER/DRIVERS
logo
Sanken electric
SMA7029M SANKEN-SMA7029M Datasheet
59Kb / 2P
   2-Phase Excitation
SMA7029M SANKEN-SMA7029M Datasheet
87Kb / 2P
   2-Phase Excitation
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
More results

同様の説明 - SMA7029M

メーカー部品番号データシート部品情報
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com