データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA473 データシート(PDF) 1 Page - Sanken electric

部品番号 STA473
部品情報  NPN Darlington General purpose
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA473 データシート(HTML) 1 Page - Sanken electric

  STA473 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
183
Characteristic curves
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
120
V
VCEO
100
V
VEBO
6V
IC
2A
ICP
4 (PW
≤1ms, Du≤25%)
A
IB
0.5
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=120V
IEBO
5mA
VEB=6V
VCEO
100
V
IC=10mA
hFE
2000
5000
12000
VCE=4V, IC=1A
VCE(sat)
1.1
1.5
V
VBE(sat)
1.8
2.2
V
VFEC
1.3
1.8
V
IFEC=1A
ton
0.5
µsVCC 30V,
tstg
4.5
µsIC=1A,
tf
1.2
µsIB1=–IB2=2mA
fT
50
MHz
VCE=12V, IE=–0.1A
Cob
20
pF
VCB=10V, f=1MHz
PT
W
STA473A
IC=1A, IB=2mA
Specification
min
typ
max
0
0
1
2
4
3
12
3
VCE (V)
5
46
IB-10.0mA
4.0m
A
2.0m
A
1.2m
A
0.6mA
0.4mA
0.3mA
0.02
IC (A)
(VCE=4V)
0.1
0.05
1
0.5
4
30
50
1000
100
500
20000
10000
5000
typ
(VCE=4V)
20000
10000
5000
1000
500
100
50
30
0.02
0.05
0.1
0.5
1
4
IC (A)
–30
°C
Ta
=125
°C
75
°C
25
°C
(IC / IB=1000)
3
2
0
0.2
0.5
1
IC (A)
1
4
0.1
IB (mA)
5
1
0.5
0
2
1
3
(IC=1A)
Ta=125
°C
75
°C
25
°C
–30
°C
0
VBE (V)
2
13
0
3
2
1
4
(VCE=4V)
PW (mS)
0.5
100
1000
500
50
10
5
1
5
1
0.5
10
20
0.2
–40
0
50
100
150
20
16
12
8.0
4.0
0
Ta (
°C)
24
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
With Infinite Heatsink
100
×100×2
50
×50×2
25
×50×2
Without Heatsink
5
1
0.5
0.1
0.05
0.03
3
5
10
50
100
VCE (V)
1m
s
10ms
200
Single Pulse
Without Heatsink
Ta=25
°C
2
1
3
R1
R2
4
5
6
7
8
9
10
R1: 4k
Ω Typ R2: 150Ω Typ
NPN Darlington
General purpose
External dimensions D • • • STA (10-pin)
Absolute maximum ratings
Electrical characteristics
sEquivalent circuit diagram
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Temperature Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θ j-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)


同様の部品番号 - STA473

メーカー部品番号データシート部品情報
logo
Sanken electric
STA473A SANKEN-STA473A Datasheet
38Kb / 1P
   NPN Darlington General purpose
STA473A SANKEN-STA473A Datasheet
38Kb / 1P
   NPN Darlington General purpose
STA473A SANKEN-STA473A_06 Datasheet
38Kb / 1P
   NPN Darlington General purpose
More results

同様の説明 - STA473

メーカー部品番号データシート部品情報
logo
Sanken electric
SLA4060 SANKEN-SLA4060 Datasheet
23Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A Datasheet
36Kb / 1P
   NPN Darlington General purpose
SMA4030 SANKEN-SMA4030 Datasheet
37Kb / 1P
   NPN Darlington General purpose
STA403A SANKEN-STA403A Datasheet
22Kb / 1P
   NPN Darlington General purpose
STA403A SANKEN-STA403A_06 Datasheet
36Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A_06 Datasheet
36Kb / 1P
   NPN Darlington General purpose
SLA4060 SANKEN-SLA4060_06 Datasheet
38Kb / 1P
   NPN Darlington General purpose
SLA4030 SANKEN-SLA4030_08 Datasheet
37Kb / 1P
   NPN Darlington General purpose
STA473A SANKEN-STA473A_06 Datasheet
38Kb / 1P
   NPN Darlington General purpose
STA404A SANKEN-STA404A Datasheet
22Kb / 1P
   NPN Darlington General purpose
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com