データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA802M データシート(PDF) 6 Page - Sanken electric

部品番号 STA802M
部品情報  2-Output Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANKEN [Sanken electric]
ホームページ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA802M データシート(HTML) 6 Page - Sanken electric

  STA802M Datasheet HTML 1Page - Sanken electric STA802M Datasheet HTML 2Page - Sanken electric STA802M Datasheet HTML 3Page - Sanken electric STA802M Datasheet HTML 4Page - Sanken electric STA802M Datasheet HTML 5Page - Sanken electric STA802M Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
113
sTypical Characteristics
PD Characteristics(Ch1:5V)
Overcurrent Protection Characteristics(Ch1:5V)
Rise Characteristics(Ch2:9V)
Efficiency Characteristics(Ch2:9V)
PD Characteristics(Ch2:9V)
Temperature Characteristics(Ch1:5V, Ch2:9V)
STA801M
Load Regulation(Ch1:9V)
PD Characteristics(Ch1:9V)
PD Characteristics(Ch2:15.7V)
6
4
2
0
0
5
10
15
20
Input Voltage VIN (V)
0.3A
5.1
5.0
4.9
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
VIN=40V
20V
10V
7V
100
80
60
40
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
0.8
0.6
0.4
0.2
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
30V
7V
VIN
=40V
20V
6
4
2
0
0
0.2
0.4
0.6
0.8
1.0
Output Current IO (A)
100
80
60
40
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
20V
V
IN
=11V
0.8
0.6
0.4
0.2
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
30V
11V
VIN
=40V
20V
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
20V
30V
V
IN
=40V
17.7V
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
30V
20V
11V
VIN
=40V
9.1
9.0
8.9
0
0
0.1
0.2
0.3
0.4
0.5
Output Current IO (A)
VIN=40V
30V
20V
11V
160
140
120
100
80
0
5.6
5.4
5.2
5.0
4.8
0
9.6
9.4
9.2
9.0
8.8
0
–40
–20
0
20
40
60
80
100
120
f
Ambient Temperature Ta (
°C)
(VIN=20V, IO=0.3A) ch1 ch2
VO ch2
9V
VO ch1 5V
η ch2 9V
η ch1 5V
STA802M
Rise Characteristics(Ch1:5V)
Load Regulation(Ch1:5V)
Efficiency Characteristics(Ch1:5V)
(Ta=25
°C)
qSTA801M/802M
12
8
4
0
0
5
10
15
20
Input Voltage VIN (V)
0.3A


同様の部品番号 - STA802M

メーカー部品番号データシート部品情報
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
logo
STMicroelectronics
STA8058 STMICROELECTRONICS-STA8058 Datasheet
195Kb / 14P
   Teseo??high performance GPS multi chip module (MCM)
STA8088EXG STMICROELECTRONICS-STA8088EXG Datasheet
243Kb / 24P
   Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
STA8088FG STMICROELECTRONICS-STA8088FG Datasheet
274Kb / 17P
   Fully Integrated GPS/Galileo/Glonass/QZSS Receiver with embedded RF and in-package Flash
STA8088GA STMICROELECTRONICS-STA8088GA Datasheet
276Kb / 18P
   Automotive Grade GPS/Galileo/Glonass/QZSS receiver
More results

同様の説明 - STA802M

メーカー部品番号データシート部品情報
logo
Sanken electric
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
SI-8800L SANKEN-SI-8800L Datasheet
79Kb / 5P
   Separate Excitation Switching Type with Transformer
SI-8400L SANKEN-SI-8400L Datasheet
77Kb / 6P
   Separate Excitation Switching Type with Coil
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SAI01 SANKEN-SAI01 Datasheet
71Kb / 4P
   Surface-Mount, Separate Excitation Switching Type
SAI01-1 SANKEN-SAI01-1 Datasheet
49Kb / 4P
   Surface-mount and Separate Excitation Type
SI-8000GL SANKEN-SI-8000GL_11 Datasheet
73Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com