データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

0890746821 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 0890746821
部品情報  1.27mm Pitch PC Card Receptacle - Straddle Mount, Offset Tail Versions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX10 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0890746821 データシート(HTML) 1 Page - Molex Electronics Ltd.

  0890746821 Datasheet HTML 1Page - Molex Electronics Ltd. 0890746821 Datasheet HTML 2Page - Molex Electronics Ltd. 0890746821 Datasheet HTML 3Page - Molex Electronics Ltd. 0890746821 Datasheet HTML 4Page - Molex Electronics Ltd. 0890746821 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0890746821
Status:
Active
Description:
1.27mm Pitch PC Card Receptacle - Straddle Mount, Offset Tail Versions
Replacement Part
Number:
None
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Memory Card Sockets
Series
89074
Button Type
N/A
Comments
Offset Style 2
Component Type
Receptacle (Card)
Obsolete Date
2004/08/01
Product Name
PC Card
Replacement Part Number
None
Type
I, II
Physical
Card Detection Switch
N/A
Circuits (Loaded)
68
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
Straddle
Keying to Mating Part
None
PCB Mounting Side
N/A
PCB Retention
None
PCB Thickness Recommended (in)
0.016 In, 0.020 In
PCB Thickness Recommended (mm)
0.40 mm, 0.50 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Ports
1
Temperature Range - Operating
-20°C to +85°C
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
100V AC
Voltage Key
3.3V, 5.0V
Material Info
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
89074Series
Mates With
PC Card Headers
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 0890746821

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
089-00-2022 MOLEX3-089-00-2022 Datasheet
213Kb / 4P
   Mounting Clip 100
089-00-2027 MOLEX3-089-00-2027 Datasheet
213Kb / 4P
   Mounting Clip 100
089-00-2100 MOLEX3-089-00-2100 Datasheet
213Kb / 4P
   Mounting Clip 100
089-00-2103 MOLEX3-089-00-2103 Datasheet
213Kb / 4P
   Mounting Clip 100
logo
Magnetrol International...
089-5209-001 MAGNETROL-089-5209-001 Datasheet
180Kb / 4P
   T10 Float Level Switch
More results

同様の説明 - 0890746821

メーカー部品番号データシート部品情報
logo
Harwin Plc
M50-3930242 HARWIN-M50-3930242 Datasheet
57Kb / 1P
   1.27mm PITCH SIL HORIZONTAL PC TAIL HEADER
logo
Molex Electronics Ltd.
0891990019 MOLEX10-0891990019 Datasheet
98Kb / 2P
   1.27mm Pitch PC Card I/O Receptacle - SMT
logo
Harwin Plc
M50-3550542 HARWIN-M50-3550542 Datasheet
80Kb / 1P
   1.27mm DIL PC TAIL EJECTOR HEADER
M52-040023V0345 HARWIN-M52-040023V0345 Datasheet
77Kb / 1P
   1.27mm PITCH SIL VERTICAL PC TAIL PIN HEADER
M52-5010345 HARWIN-M52-5010345 Datasheet
75Kb / 1P
   1.27mm PITCH SIL VERTCAL PC TAIL SOCKET ASSY
M52-5110345 HARWIN-M52-5110345 Datasheet
78Kb / 1P
   1.27mm PITCH DIL VERTICAL PC TAIL SOCKET ASSY
M52-5100345 HARWIN-M52-5100345 Datasheet
75Kb / 1P
   1.27mm PITCH DIL VERTICAL PC TAIL SOCKET ASSY
M52-5000345 HARWIN-M52-5000345 Datasheet
74Kb / 1P
   1.27mm PITCH SIL VERTICAL PC TAIL SOCKET ASSY
logo
FCI connector
10034908-002LF FCI-CONNECTOR-10034908-002LF Datasheet
198Kb / 2P
   STRADDLE MOUNT TYPE POWER EDGE CARD
logo
Kycon, Inc.
KPCIEX KYCON-KPCIEX Datasheet
939Kb / 1P
   Straddle Mount PCI Express Card Edge
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com