データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-130010-011 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-130010-011
部品情報  Mini-Change A-Size Single-Ended Cordset, Straight, Male to Female, 5 Poles, 4.57m (15.0 ) Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130010-011 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-130010-011 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130010-011 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300101118
Status:
Active
Overview:
minichange_products
Description:
Mini-Change® A-Size Single-Ended Cordset, Straight, Male to Female, 5 Poles, 4.57m
(15.0' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
General
Product Family
Industrial Cordsets
Series
130010
Comments
A-Size (7/8" - 16 UN-2B)
Connector End A
Mini-Change®
Connector End B
Mini-Change®
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
minichange_products
Product Name
Mini-Change®
Type
Double Ended
Physical
Cable Diameter
13.20mm (.520")
Cable Length
4.57m (15.0' )
Color - Cable Jacket
Yellow
Coupling Style
Threaded
Gender
Male-Female
Keyway
Single
LED Indicator
No
Material - Cable Jacket
Rubber
Material - Connector Body
PVC
Material - Contact
Copper
Material - Coupling Nut
Black Epoxy Coated Zinc
Material - Plating Mating
Gold over Nickel
Orientation
Straight
Poles
5
Temperature Range - Operating
-20°C to +90°C
Wire Size AWG
16
Wire/Cable Type
SOO
Electrical
Current - Maximum per Contact
8A
Voltage - Maximum
600V AC/DC
Material Info
Old Part Number
115020C01F150
Reference - Drawing Numbers
Sales Drawing
SD-130010-011
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130010Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-130010-011

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-130010-010 MOLEX11-SD-130010-010 Datasheet
179Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight, Male to Female, 3 Poles, 4.57m (15.0 ) Length
More results

同様の説明 - SD-130010-011

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1300100315 MOLEX11-1300100315 Datasheet
179Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight, Male to Female, 3 Poles, 4.57m (15.0 ) Length
1300061356 MOLEX11-1300061356 Datasheet
165Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight Female to Pigtail, 5 Poles, 4.57M (15.0 ) Length
1300061384 MOLEX11-1300061384 Datasheet
157Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight, Female to Pigtail, 5 Poles,4.57m (15.0 ) Length
1300060433 MOLEX11-1300060433 Datasheet
156Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, 90째 to Straight Female to Pigtail, 3 Poles, 4.57m (15.0 ) Length
1300060741 MOLEX11-1300060741 Datasheet
164Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 4 Poles, 4.57m (15.0 ) Length, Zinc Coupling Nut
1300061247 MOLEX11-1300061247 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300060043 MOLEX11-1300060043 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, 9.0m (29.53 ) Length
1300061309 MOLEX11-1300061309 Datasheet
146Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 3.0m (9.84 )
1300061263 MOLEX11-1300061263 Datasheet
158Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300620088 MOLEX11-1300620088 Datasheet
29Kb / 1P
   Mini-Change A-Size Double-Ended Cordset, 4 Poles, Male (Straight) to Female
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com