データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-112026-0013 データシート(PDF) 3 Page - Molex Electronics Ltd.

部品番号 SD-112026-0013
部品情報  Connect Profibus to Modbus Serial devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-112026-0013 データシート(HTML) 3 Page - Molex Electronics Ltd.

  SD-112026-0013 Datasheet HTML 1Page - Molex Electronics Ltd. SD-112026-0013 Datasheet HTML 2Page - Molex Electronics Ltd. SD-112026-0013 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
from Woodhead Industries
Contact us: www.woodhead.com
Reference Number: DW2005118
Date published: June 2006
North America: US + 1-800-2257724 -Canada, +1 519 725 5136
Europe:
France, +33 2 32 96 04 20 – Germany, +49 711 78 23 74-0 – Italy, +39 010 59 30 77 –
United Kingdom, +44 1495 356300
Asia:
China, +86 21 5835-9885 – Singapore, +65 6261-6533 – Japan, +81 3 5791 4621
BradCommunications™, and Direct-Link™ are trademarks of Woodhead Industries, Inc.
© 2006 Woodhead Industries, a division of Molex Incorporated
Hardware and Network Specifications
Physical Characteristics
Case
Plastic case for rail DIN
Size
120 x 100 x 23 mm
Weight
~ 100g
Temperature
Operating: 0°C to +55°C
Non-operating: -25°C to +70°C
Humidity
Max. 80%
Ingress Protection
IP20
Power Supply
24V DC (1.5W)
Indicator (6 LEDs)
1 - Power ON
4 - RUN
2 - Bus failed
5 - TxD Modbus
3 - Diagnostic
6 - RxD Modbus
Protection Polarity inversion
Yes
Protection Short-circuits
Yes
CE Compliance
Yes
Communication Ports
Baud rate
9.6 kbps to 12 Mbps (auto-detection)
Connector
Sub-D9 female
Address setting
2 hexadecimal rotary switches
Diagnostic
27 bytes of extended diagnostic
(Slave_Diag)
Input/Output Bytes
0-244, maximum of 300
Isolation
1 kV
Technology
ASIC
PROFIBUS-
DP
Others
Sync, Freeze
Commissioning
Done from the PROFIBUS configuration
tool (via scroll down menus) by using
GSD parameters
Baud rate
0.6 to 57.6 Kbps
Protocol
RTU and ASCII
Nb of addressable Slaves
20
Nb of frames
1 to 20 different
Frame trigger
Cyclic, on change, once
Nb of accessible registers
(Maximum of 150)
1-122 read registers
1-122 write registers
Connector
Open connector 3 contacts, male
Switching RS232/485
Configurable by switch
Terminator Resistor
120 Ω by switch
Modbus
Serial
Implemented functions
3 - Multi register Read
4 - Multi register Read
5 - Single Boolean writing
6 - Single register Write
7 - Read Status
16 - Multi register Write
23 - Multi register Read/Write (Slave
mode only)
Other – Open command through Pass
Frame mechanism
Ordering Information
Part Number
Description
DRL-DPS-SRM
BradCommunications™ Direct-Link™ PROFIBUS to Modbus
Serial Gateway
Software Tools
Example of configuration through the
configuration tool of the PROFIBUS Master:
Modbus Parameters
Modbus Command
Dimensions
CR Rom with detailed user documentation in
French and English languages and the GSD
file are included in delivery.
PROFIBUS Gateway


同様の部品番号 - SD-112026-0013

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-112000-5032 MOLEX11-SD-112000-5032 Datasheet
847Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for PROFINET IOController & IO-Device
SD-112000-5033 MOLEX11-SD-112000-5033 Datasheet
844Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
SD-112000-5034 MOLEX11-SD-112000-5034 Datasheet
817Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for Modbus TCP/ UDP Client
SD-112003-0004 MOLEX11-SD-112003-0004 Datasheet
306Kb / 3P
   Direct-Link PCU-DVNIO DeviceNet Mstr/Slave card (Univ. PCI)
SD-112011-0008 MOLEX11-SD-112011-0008 Datasheet
1Mb / 6P
   Direct-Link PCU-DPIO Profibus-DP Master/Slave 12 Mbps, PCI Express 1x
More results

同様の説明 - SD-112026-0013

メーカー部品番号データシート部品情報
logo
Schneider Electric
LA9P307 SCHNEIDER-LA9P307 Datasheet
128Kb / 2P
   PASSEREL. PROFIBUS/MODBUS
May 11, 2022
logo
PHOENIX CONTACT
2316417 PHOENIX-2316417 Datasheet
81Kb / 3P
   Connect up to 12 Foundation Fieldbus or PROFIBUS PA field devices
2316420 PHOENIX-2316420 Datasheet
79Kb / 3P
   Connect up to six Foundation Fieldbus or PROFIBUS PA field devices
logo
Moxa Inc.
5101-PBM-MN MOXA-5101-PBM-MN Datasheet
1Mb / 5P
   1-port PROFIBUS-to-Modbus TCP gateways
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
NHP Electrical Engineer...
PLX31-MBTCP-MBS NHP-PLX31-MBTCP-MBS Datasheet
590Kb / 1P
   PROSOFT GATEWAY MODBUS TCP TO MODBUS SERIAL
12 May 2023,
logo
Schneider Electric
LUFP7 SCHNEIDER-LUFP7 Datasheet
111Kb / 2P
   Profibus DP/Modbus communication gateway - 1 Profibus DP SUB-D9 - 1 RJ45 Modbus
May 11, 2022
logo
Ralston Instruments.
XTFT-2MS0-MP RALSTON-XTFT-2MS0-MP Datasheet
495Kb / 1P
   Connect to devices under test
logo
Moxa Inc.
4101-MB-PBS MOXA-4101-MB-PBS Datasheet
730Kb / 5P
   1-port Modbus RTU/ASCII-to-PROFIBUS slave gateways
logo
Advantech Co., Ltd.
MESR900 ADVANTECH-MESR900 Datasheet
447Kb / 2P
   Industrial Modbus Ethernet to Serial Gateways
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com