データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-120309-003 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 SD-120309-003
部品情報  Micro-Change (M12) Closure Cap, Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120309-003 データシート(HTML) 2 Page - Molex Electronics Ltd.

  SD-120309-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120309-003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
3
4
5
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A4
M12M-M-CLOSURE CAP
----
M12M VERSCHLUSSKAPPE
METRIC
4:1
MM
SD-120309-003
BB
RE
NSTAUDIG
DATE
DATE
DATE
2009/11/02
2009/11/03
2009/11/18
---
---
---
---
0.1
0.05
---
---
---
1
A
B
C
D
E
F
G
A
B
C
D
E
F
G
1
2
3
4
5
FIRST ANGLE
PROJECTION
SEE TABLE
1 OF 1
0
0


同様の部品番号 - SD-120309-003

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-120309-003 MOLEX11-SD-120309-003 Datasheet
72Kb / 2P
   Micro-Change (M12) Closure Cap, Yellow
More results

同様の説明 - SD-120309-003

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1201165014 MOLEX-1201165014_V01 Datasheet
24Kb / 1P
   Micro-Change (M12) Closure Cap, Black
1200770023 MOLEX-1200770023 Datasheet
33Kb / 1P
   Micro-Change (M12) Closure Cap
1203090376 MOLEX11-1203090376 Datasheet
72Kb / 2P
   Micro-Change (M12) Closure Cap, Yellow
0848549019 MOLEX-0848549019 Datasheet
30Kb / 1P
   Micro-Change Closure Cap External Threads, meets NMEA 2000®
08/26/2022
1203080677 MOLEX-1203080677 Datasheet
21Kb / 1P
   Plastic Closure Cap
04/05/2023
1200765046 MOLEX-1200765046 Datasheet
37Kb / 1P
   Ultra-Lock (M12) Rubber Closure Cap with Leash, Male
1200765047 MOLEX-1200765047 Datasheet
37Kb / 1P
   Ultra-Lock (M12) Rubber Closure Cap with Leash, Female
1300700018 MOLEX11-1300700018 Datasheet
30Kb / 1P
   Quick-Change Male Closure Cap, External Threads, 38.35mm Diameter
1300700019 MOLEX11-1300700019 Datasheet
31Kb / 1P
   Quick-Change Female Closure Cap, Internal Threads, 38.35mm Diameter
SD-130058-001 MOLEX11-SD-130058-001 Datasheet
58Kb / 1P
   CLOSURE CAP ETHERNET INTERNAL THREAD
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com