データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-502439-002 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-502439-002
部品情報  2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 15 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502439-002 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-502439-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502439-002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5024391500
Status:
Active
Overview:
clikmate_wiretoboard_connectors
Description:
2.00mm (.079") Pitch CLIK-Mate™ Wire-to-Board Housing, Single Row, Positive Lock,
15 Circuits
Documents:
3D Model
Product Specification PS-502443-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
502439
Overview
clikmate_wiretoboard_connectors
Product Name
CLIK-Mate™
Physical
Breakaway
No
Circuits (maximum)
15
Color - Resin
White
Gender
Plug
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-502439-001, AS-502439-002
Product Specification
PS-502443-001, RPS-502443-001, RPS-502443-002,
RPS-502443-004, RPS-502443-007, RPS-502494-001
Sales Drawing
SD-502439-002
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502439Series
Mates With
502443 PCB Receptacle Vertical
Use With
502438 Crimp Terminal
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-502439-002

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-502439-002 MOLEX11-SD-502439-002 Datasheet
126Kb / 2P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 4 Circuits
SD-502439-002 MOLEX11-SD-502439-002 Datasheet
126Kb / 2P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 6 Circuits
SD-502439-002 MOLEX11-SD-502439-002 Datasheet
126Kb / 2P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 12 Circuits
SD-502439-002 MOLEX11-SD-502439-002 Datasheet
126Kb / 2P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 14 Circuits
SD-502439-002 MOLEX11-SD-502439-002 Datasheet
126Kb / 2P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 13 Circuits
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com