データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-120066-020 データシート(PDF) 3 Page - Molex Electronics Ltd.

部品番号 SD-120066-020
部品情報  Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120066-020 データシート(HTML) 3 Page - Molex Electronics Ltd.

  SD-120066-020 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 3Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
MICRO-CHANGE CORDSET
3/4/5 P. FE STR/ MA STR
18/3-5 YELLOW TPE CABLE
METRIC
1:1
IN/MM
SD-120066-020
LSTEMMLE
RE
FPACHER
DATE
DATE
DATE
2010/02/01
2010/02/02
2010/02/03
---
.01
---
---
0.3
---
---
---
---
1
THIRD ANGLE
PROJECTION
0
0
1 OF 1
SEE TABLE SHEET 2


同様の部品番号 - SD-120066-020

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
More results

同様の説明 - SD-120066-020

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1200660883 MOLEX11-1200660883 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
1200660881 MOLEX11-1200660881 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
1200660891 MOLEX11-1200660891 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
1200660887 MOLEX11-1200660887 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
1200660905 MOLEX-1200660905 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 14.0m (13.12) Length
02/01/2023
1200660908 MOLEX-1200660908 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 17.0m (55.76) Length
02/01/2023
1200660907 MOLEX-1200660907 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 16.0m (52.49) Length
02/14/2023
1200660901 MOLEX-1200660901 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 9.0m (29.53) Length
01/31/2023
1200660880 MOLEX-1200660880 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 0.60m (1.97) Length
02/01/2023
1200660878 MOLEX-1200660878 Datasheet
43Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 0.305m (1.0) Length
02/13/2023
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com