データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-94529-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-94529-001
部品情報  Fork Type for PCB Edge Mating, Vertical Crimp Terminal, Reel, Tin (Sn) Phosphor Bronze
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-94529-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-94529-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-94529-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945291103
Status:
Active
Description:
Fork Type for PCB Edge Mating, Vertical Crimp Terminal, Reel, Tin (Sn) Phosphor
Bronze
Documents:
Drawing (PDF)
Product Specification PS-94529-002 (PDF)
Product Specification PS-94529-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Terminals
Series
94529
Comments
For PCB Edge Mounting in White Goods
Crimp Quality Equipment
Yes
Product Name
Fork Terminal
Physical
Durability (mating cycles max)
20
Flammability
94V-0
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
120.00
Plating min: Mating (µm)
3.000
Plating min: Termination (µin)
120.00
Plating min: Termination (µm)
3.00
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.50-1.70mm(.059"-.067")
Wire Size AWG
20, 22
Wire Size mm²
0.35 TO 0.50
Electrical
Current - Maximum per Contact
6A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-94529-001, PS-94529-002
Sales Drawing
SD-94529-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94529Series
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-94529-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-94529-001 MOLEX11-SD-94529-001 Datasheet
76Kb / 2P
   Fork Type for PCB Edge Mating, Vertical Crimp Terminal, Reel, Tin (Sn) Phosphor Bronze
SD-94529-001 MOLEX11-SD-94529-001 Datasheet
74Kb / 2P
   Fork Type for PCB Edge Mating, Vertical Crimp Terminal, Reel, Tin (Sn) Brass
More results

同様の説明 - SD-94529-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
0945291203 MOLEX11-0945291203 Datasheet
76Kb / 2P
   Fork Type for PCB Edge Mating, Vertical Crimp Terminal, Reel, Tin (Sn) Phosphor Bronze
0945291201 MOLEX11-0945291201 Datasheet
74Kb / 2P
   Fork Type for PCB Edge Mating, Vertical Crimp Terminal, Reel, Tin (Sn) Brass
0008520101 MOLEX1-0008520101 Datasheet
197Kb / 4P
   KK짰 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Tin (Sn)
0008520112 MOLEX1-0008520112 Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Reel, Phosphor Bronze Tin (Sn)
0008520124 MOLEX1-0008520124 Datasheet
157Kb / 3P
   Trifurcon??Crimp Terminal 7258, 22-26 AWG, Reel, Phosphor Bronze Tin (Sn)
0008520101 MOLEX1-0008520101_17 Datasheet
28Kb / 1P
   KK 254 Crimp Terminal 6459, 22-30 AWG, Reel, Phosphor Bronze Tin (Sn)
0002081003 MOLEX1-0002081003_18 Datasheet
31Kb / 1P
   MLX Female Crimp Terminal 42024, 14-20 AWG, Reel, Phosphor Bronze, Tin (Sn) Plating
0002082005 MOLEX1-0002082005_18 Datasheet
30Kb / 1P
   MLX Male Crimp Terminal 42023, 14-20 AWG, Reel, Phosphor Bronze, Tin (Sn) Plating
1721601803 MOLEX1-1721601803 Datasheet
47Kb / 1P
   3.96mm Pitch EdgeMate Crimp Terminal, Phosphor Bronze, Tin (Sn), Bifurcated
0039000130 MOLEX3-0039000130 Datasheet
113Kb / 3P
   4.20mm (.165") Pitch Mini-Fit??Crimp Terminal, Male, Tin (Sn), Phosphor Bronze, 16 AWG, Reel
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com