データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-501783-004 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-501783-004
部品情報  0.50mm (.020") Pitch FFC-to-Board Connector, Plug Jacket, 30 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501783-004 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-501783-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501783-004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5017833009
Status:
Active
Description:
0.50mm (.020") Pitch FFC-to-Board Connector, Plug Jacket, 30 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-501864-004 (PDF)
General
Product Family
Accessories
Series
501783
Component Type
Jacket
Product Name
N/A
Physical
Circuits (Loaded)
N/A
Circuits (maximum)
30
Color - Resin
Black
Gender
Plug
Material - Resin
Polyester
Packaging Type
Bag
Polarized to Mating Part
Yes
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
0.5A
Material Info
Reference - Drawing Numbers
Product Specification
PS-501864-004, RPS-501786-001, RPS-501864-001,
RPS-501864-004
Sales Drawing
SD-501783-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501783Series
Use With
501786 FFC-to-Board Connector, 501864
FFC-to-Board Connector, 501784 Plug
Jacket Cover
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-501783-004

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-501783-001 MOLEX11-SD-501783-001 Datasheet
92Kb / 2P
   0.50mm (.020") Pitch FFC-to-Board Connector, Plug Jacket, 50 Circuits
SD-501783-001 MOLEX11-SD-501783-001 Datasheet
81Kb / 2P
   0.50mm (.020") Pitch FFC-to-Board Connector, Plug Jacket, 80 Circuits
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com