データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-120066-020 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 SD-120066-020
部品情報  Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120066-020 データシート(HTML) 2 Page - Molex Electronics Ltd.

  SD-120066-020 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 2Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 3Page - Molex Electronics Ltd. SD-120066-020 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-120066-020

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
SD-120066-020 MOLEX11-SD-120066-020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable
More results

同様の説明 - SD-120066-020

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1200660895 MOLEX11-1200660895 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable
1200660883 MOLEX11-1200660883 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
1200660881 MOLEX11-1200660881 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
1200660887 MOLEX11-1200660887 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
1200660978 MOLEX-1200660978 Datasheet
35Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (90°), 18 AWG, Yellow TPE Cable, 4.0m (13.12) Length
11/17/2022
1200660861 MOLEX-1200660861 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, PUR Cable, 4.0m (13.12) Length
02/02/2023
1200660691 MOLEX-1200660691 Datasheet
34Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Male (Straight) to Female (Straight), 22 AWG, Yellow TPE Cable, 4.0m (13.12) Length
02/02/2023
1200660905 MOLEX-1200660905 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 14.0m (13.12) Length
02/01/2023
1200661037 MOLEX-1200661037 Datasheet
35Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 5 Poles, Male (Straight) to Female (Straight), 18 AWG, Yellow TPE Cable, 4.0m (13.12) Length
02/01/2023
1200661239 MOLEX-1200661239 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 SJOOW Cable, 4.0m (13.12) Length
01/31/2023
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com