データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1120780001 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 1120780001
部品情報  BradCommunications SST 4 Serial ports PLC communications module for Allen- Bradley ControlLogix
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120780001 データシート(HTML) 2 Page - Molex Electronics Ltd.

  1120780001 Datasheet HTML 1Page - Molex Electronics Ltd. 1120780001 Datasheet HTML 2Page - Molex Electronics Ltd. 1120780001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4 Serial Modbus Channels
For the Allen-Bradley® ControlLogix® Controller
Overview
The BradCommunications
SSTSerial module connects Rockwell Automation®
ControlLogix
® controllers to Modbus networks. Each module has 4 Serial
communication channels that act as independent Modbus Master or Slave protocols
to exchange data with other Modbus compatible devices.
The SST module acts as a 1756 input/output module between the Modbus network
and the ControlLogix backplane. The data transfer from the SST
module to the
ControlLogix processor supports 2 modes; a direct mode allowing mapping of
Modbus data in I/O processor image (496 inputs bytes / 496 output bytes) and a
messaging mode (based on CIP transaction) allowing access to Modbus data
images stored in 32K registers of the SST
module’s memory.
The SST module has a USB port on the front panel which can be used for the
startup of the module when the user configuration is stored to a USB key. This can
also be beneficial if a breakdown occurs, allowing a very quick startup to occur with
a new SST module.
Configuration and Diagnostics
Save your time, the SST module doesn’t require any ladder logic programming to
be used. The configuration is created using a PC-based Windows console software
connected via RLL (Remote Link Library) functionality allowing a remote access to
the SST module for the configuration and the diagnostics through Rockwell network
architectures (Ethernet/ControlNet/DeviceNet
).
The SST console allows the user to define the network parameters, Modbus
devices and the cyclic data exchanges. The console includes a user configuration
manager offering services for download, upload, copy, and rename of user
configurations. With this, a user can very easily and quickly create a new
configuration to initialize and start a SST module.
The SST console includes diagnostic tools to help with the commissioning and
monitoring of the Modbus connection. These tools allow access in read and write
modes to the Modbus slaves or to monitor and modify the module’s internal data
shared bound for a Modbus Master. Thus, the user-friendly tools are available for
controlling the communication in commissioning phase (PROG mode). This same
information is also available in production (RUN mode) through status words
making it possible for the user to manage the execution of the control application in
its ladder logic.
The BradCommunicationsSST communications module
connects your Rockwell Automation ControlLogix®
controller with up to distinct Serial Modbus Master/Slave
networks.
Features
Save money!
4 RS232/RS485 Serial Modbus
channels on a single slot - 1756
backplane compatible
Save time!
No ladder logic to write for
configuration and data transfer
between module and
ControlLogix processor
Boot user configuration and
update firmware module through
integrated USB port
Data format: Bit, Byte, Word,
Dword, Float
RLL feature : configure and
diagnose Modbus network
remotely via A-B RSLinx®
Advanced Windows configuration
and diagnostics tools
Up to 8 SST™ modules can be
used in one ControlLogix rack
Support local and remote
chassis
Protocols
Modbus Master (RTU / ASCII)
Modbus Slave (RTU / ASCII)
Typical Applications
SCADA / supervisory
communication
Integration of legacy Modbus
devices
Modbus data concentrator
Bridge Rockwell networks to
Modbus compatible devices
09 Apr. 08
DW2007212


同様の部品番号 - 1120780001

メーカー部品番号データシート部品情報
logo
Lapp.
1120730 LAPP-1120730 Datasheet
70Kb / 1P
   OLFLEX® CLASSIC 110 LT
01.01.2019
logo
Molex Electronics Ltd.
1120730001 MOLEX11-1120730001 Datasheet
2Mb / 3P
   BradCommunications SST 1 Ethernet and 2 Serial ports PLC communications module
1120730003 MOLEX-1120730003 Datasheet
34Kb / 1P
   SST ETH/SER In Chassis Module for Rockwell Automation ControlLogix, Ethernet (Modbus TCPSiemens) Serial Modbus, 1 ETH 2 SER Channels,Conformal Coated
11/22/2019
More results

同様の説明 - 1120780001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1120160019 MOLEX11-1120160019 Datasheet
1Mb / 3P
   BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link
1120160018 MOLEX11-1120160018 Datasheet
1Mb / 3P
   BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link Library
1120730001 MOLEX11-1120730001 Datasheet
2Mb / 3P
   BradCommunications SST 1 Ethernet and 2 Serial ports PLC communications module
logo
Intronics Power, Inc.
PLC4000 INTRONICS-PLC4000 Datasheet
439Kb / 2P
   120 Watt DC-DC Power Supply for the Allen Bradley 1771 PLC System
logo
Molex Electronics Ltd.
1120160020 MOLEX11-1120160020 Datasheet
1Mb / 3P
   BradCommunications SST CommDTM software update driver license for PROFIBUS Scanner
logo
Dallas Semiconductor
DS3900 DALLAS-DS3900 Datasheet
876Kb / 15P
   Serial Communications Module For Evaluation Kits
logo
Maxim Integrated Produc...
DS3900 MAXIM-DS3900 Datasheet
894Kb / 15P
   Serial Communications Module For Evaluation Kits
2004
logo
Prosoft-Technology
MVI56E-LDM PROSOFT-MVI56E-LDM Datasheet
562Kb / 2P
   Linux Development Module for ControlLogix
logo
Molex Electronics Ltd.
1120160023 MOLEX-1120160023 Datasheet
33Kb / 1P
   SST PB3 In Chassis Module for Rockwell Automation ControlLogix, PROFIBUS DP Master/Slave, 1 Channel, Conformal Coated
09/16/2019
logo
Prosoft-Technology
MVI56E-DNPNET PROSOFT-MVI56E-DNPNET Datasheet
248Kb / 2P
   DNP3 Ethernet Communication Module for ControlLogix
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com