データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1120955004 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 1120955004
部品情報  BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120955004 データシート(HTML) 2 Page - Molex Electronics Ltd.

  1120955004 Datasheet HTML 1Page - Molex Electronics Ltd. 1120955004 Datasheet HTML 2Page - Molex Electronics Ltd. 1120955004 Datasheet HTML 3Page - Molex Electronics Ltd. 1120955004 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fe a t u r e s
Sc rolling 4 c harac t ers st at us display
f o r I P a d d r e s s i n g a n d m o d u l e s t a t u s
Built -in 2-port Et hernet sw it c h
10/100 Mbps aut o-sensing and c rossover
c a p a b i l i t y
Built -in w eb server for rem ot e
m o n i t o r i n g , c o n f i g u r a t i o n a n d
d i a g n o s t i c s
Configurable I/O c apabilit y (t hrough
w e b i n t e r f a c e & Et h e r N e t /I P
c o m m a n d s )
Ac c ept s M12 t hreaded c onnec t ors or
B r a d Co n n e c t i v i t y U l t r a -L o c k
c o n n e c t i o n s y s t e m
Support s PNP & NPN input devic es
Several I/O c onfigurat ions t o c hoose
f r o m
TCDEM-8YYX-DIU offers 16 point s of
c o n f i g u r a b l e I /O w h e r e t h e u s e r c a n
c o n f i g u r e e a c h p o i n t a s e i t h e r a n i n p u t o r
o u t p u t
Visible LEDs provide m aint enanc e
p e r s o n n e l w i t h t h e a b i l i t y t o e a s i l y
d e t e r m i n e I /O, m o d u l e & n e t w o r k
s t a t u s
Error-m em ory for diagnost ic s via
Et h e r N e t /I P
Rat ed IP67 for harsh environm ent s
Designed for direc t m ac hine m ount
a p p l i c a t i o n s
IP addressing via Boot p, DHCP or st at ic
(t h r o u g h w e b i n t e r f a c e , p u s h b u t t o n &
M o d b u s c o m m a n d s )
St andard hole pat t ern allow s for
i n t e r c h a n g e a b i l i t y w i t h p o p u l a r I /O
m o d u l e s
Wat c hdog
T y p i c a l A p p l i c a t i o n s
Mac hine t ool indust ry
Mat erial handling syst em s
Filling & pac k aging
St eel indust ry
Et h e r N e t /I P
Di s c r e t e I /O M o d u l e
I P6 7 Cl a s s i c M o d u l e
I /O Sy s t e m s f o r H a r s h Du t y En v i r o n m e n t s
BradControl
EtherNet/IP I/O modules provide a reliable solution for connecting
industrial controllers to I/O devices in harsh duty environments.
Contained in an IP67 rated housing, BradControl I/O modules can be machine
mounted and are able to withstand areas where liquids, dust or vibration may be
present. This makes them ideally suited for many applications including material
handling equipment and automated assembly machinery.
Advanced network features such as 10/100 Mbps auto-sensing, web server
capabilities and a flexible IP address setup method, make configuration and
operation simple. Following traditional industrial fieldbus practices, standard M12
connectors from sensing devices or actuators plug directly into the I/O module.
An environmentally sealed IP67 connection between the I/O module and the
Ethernet network is created using the Ultra-Lock
connection system built into
the BradControl EtherNet/IP I/O module.
T h e B r a d Co n t r o l
I P67 I /O m o d ul e s p r o v i d e a r e l i a b l e
s o l u t i o n f o r c o n n e c t i n g i n d u s t r i a l c o n t r o l l e r s t o I /O
d e v i c e s i n h a r s h e n v i r o n m e n t s .


同様の部品番号 - 1120955004

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1120955003 MOLEX11-1120955003 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs NPN
1120955005 MOLEX11-1120955005 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955006 MOLEX11-1120955006 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
1120955007 MOLEX11-1120955007 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
1120955008 MOLEX11-1120955008 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
More results

同様の説明 - 1120955004

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1120955026 MOLEX11-1120955026 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955008 MOLEX11-1120955008 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955006 MOLEX11-1120955006 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
1120955005 MOLEX11-1120955005 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955023 MOLEX11-1120955023 Datasheet
437Kb / 4P
   BradControl??Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955028 MOLEX11-1120955028 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955003 MOLEX11-1120955003 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs NPN
1120955010 MOLEX11-1120955010 Datasheet
977Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955007 MOLEX11-1120955007 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
1120955027 MOLEX11-1120955027 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com