データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-98787-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-98787-001
部品情報  2.54mm (.100") Pitch Pitch MOX Plug Housing, 6 Circuits, Black
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-98787-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-98787-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-98787-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-98787-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-98787-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0987871011
Status:
Active
Overview:
mox_crimp_terminals
Description:
2.54mm (.100") Pitch Pitch MOX Plug Housing, 6 Circuits, Black
Documents:
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
98787
Comments
2x3 Circuits, Contact Retention Force without secondary
locking: 40N, with secondary locking: 60N
Overview
mox_crimp_terminals
Product Name
MOX
Physical
Circuits (maximum)
6
Circuits Detail
6 x 0.635 mm
Color - Resin
Black
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
7.5A
Material Info
Old Part Number
19911221
Reference - Drawing Numbers
Application Specification
AS-98787-001
Packaging Specification
PK-98787-001
Sales Drawing
SD-98787-001, SD-98787-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98787Series
Mates With
987861011 Wire-to-Wire, 981980001 Wire-
to-Flex
Use With
Contact Molex
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - SD-98787-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-98787-001 MOLEX11-SD-98787-001 Datasheet
373Kb / 4P
   2.54mm (.100") Pitch Pitch MOX Plug Housing 6 Circuits, Gray
SD-98787-001 MOLEX11-SD-98787-001 Datasheet
252Kb / 3P
   2.54mm (.100") Pitch, Male Header, PA 4.6, 6 Circuits, Dual Row, Black
SD-98787-001 MOLEX11-SD-98787-001 Datasheet
373Kb / 4P
   2.54mm (.100") Pitch Pitch MOX Plug Housing 6 Circuits, Brown
SD-98787-001 MOLEX11-SD-98787-001 Datasheet
252Kb / 3P
   2.54mm (.100") Pitch, Male Header, PA 4.6, 6 Circuits, Dual Row, Black
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com