データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD-502382-001 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 SD-502382-001
部品情報  1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical, 7 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502382-001 データシート(HTML) 1 Page - Molex Electronics Ltd.

  SD-502382-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502382-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502382-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502382-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502382-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-502382-001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5023820770
Status:
Active
Description:
1.25mm (.049") Pitch CLIK-Mate™ Wire-to-Board PCB Receptacle, Single Row,
Vertical, 7 Circuits
Documents:
3D Model
Product Specification PS-502382-001 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Receptacles
Series
502382
Application
Wire-to-Board
Product Name
CLIK-Mate™
Physical
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Natural
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Mated Height (in)
0.307 In
Mated Height (mm)
7.80 mm
Material - Plating Mating
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.049 In
Pitch - Mating Interface (mm)
1.25 mm
Pitch - Term. Interface (in)
0.049 In
Pitch - Term. Interface (mm)
1.25 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-502382-001
Product Specification
PS-502382-001, RPS-502382-002, RPS-502382-003,
RPS-502382-005, RPS-502382-006, RPS-502382-007,
RPS-502382-008, RPS-502382-011, RPS-502382-012,
RPS-502382-013
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502382Series
Mates With
502380 Crimp Housing


同様の部品番号 - SD-502382-001

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
SD-502382-001 MOLEX11-SD-502382-001 Datasheet
413Kb / 6P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical, 6 Circuits
SD-502382-001 MOLEX11-SD-502382-001 Datasheet
413Kb / 6P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical, 5 Circuits
SD-502382-001 MOLEX11-SD-502382-001 Datasheet
413Kb / 6P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, 1.25mm (.049") Pitch CLIK-Mate??Wire-to-Board PCB Receptacle, Single Row
SD-502382-001 MOLEX11-SD-502382-001 Datasheet
413Kb / 6P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical, 3 Circuits
SD-502382-001 MOLEX11-SD-502382-001 Datasheet
413Kb / 6P
   1.25mm (.049") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Vertical, 4 Circuits
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com